Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1839HQ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP1839HQ
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839HQ Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP1839HQ Datasheet HTML 1Page - Vishay Siliconix MKP1839HQ Datasheet HTML 2Page - Vishay Siliconix MKP1839HQ Datasheet HTML 3Page - Vishay Siliconix MKP1839HQ Datasheet HTML 4Page - Vishay Siliconix MKP1839HQ Datasheet HTML 5Page - Vishay Siliconix MKP1839HQ Datasheet HTML 6Page - Vishay Siliconix MKP1839HQ Datasheet HTML 7Page - Vishay Siliconix MKP1839HQ Datasheet HTML 8Page - Vishay Siliconix MKP1839HQ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MKP 1839 HQ
Vishay Roederstein AC and Pulse Metallized Polypropylene Film Capacitors
MKP Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28162
260
Revision: 21-Apr-10
Note
(1) SPQ = Standard Packing Quantity
CAPACITANCE
VOLTAGE CODE 63
630 VDC/300 VAC
VOLTAGE CODE 08
850 VDC/400 VAC
DIMENSIONS
max.
(mm)
MASS
dt
± 0.08 mm
SPQ (1)
DIMENSIONS
max.
(mm)
MASS
dt
± 0.08 mm
SPQ (1)
(µF)
D
L
(g)
(mm)
Pieces
D
L
(g)
(mm)
Pieces
0.1
7
26.5
0.9
0.8
2000
8.5
31.5
1.6
0.8
1500
0.15
8
26.5
1.2
0.8
1750
10
31.5
2.3
0.8
1000
0.18
8.5
26.5
1.4
0.8
1500
11
31.5
2.7
0.8
850
0.22
9.5
26.5
1.6
0.8
1250
11.5
31.5
3.2
0.8
750
0.27
10
26.5
1.9
0.8
1000
13
31.5
3.9
0.8
1000
0.33
11
26.5
2.3
0.8
900
14
31.5
4.6
0.8
1000
0.39
10.5
31.5
2.6
0.8
900
15
31.5
5.4
0.8
1000
0.47
11
31.5
3.0
0.8
750
16.5
31.5
6.5
0.8
1000
0.56
12
31.5
3.5
0.8
650
15
31.5
5.4
0.8
1000
0.68
13
31.5
4.2
0.8
500
16.5
31.5
6.5
0.8
1000
0.82
14
31.5
5.1
0.8
1000
18
31.5
7.8
1.0
750
1
16
31.5
6.1
0.8
900
19.5
31.5
9.4
1.0
600
1.5
19
31.5
9.0
1.0
600
24
31.5
13.9
1.0
400
2.2
23
31.5
13.1
1.0
450
-
--
-
-
3.3
28
31.5
19.5
1.0
300
-
--
-
-
CAPACITANCE
VOLTAGE CODE 12
1250 VDC/450 VAC
VOLTAGE CODE 13
1600 VDC/600 VAC
DIMENSIONS
max.
(mm)
MASS
dt
± 0.08 mm
SPQ (1)
DIMENSIONS
max.
(mm)
MASS
dt
± 0.08 mm
SPQ (1)
(µF)
D
L
(g)
(mm)
Pieces
D
L
(g)
(mm)
Pieces
0.1
8.5
31.5
1.6
0.8
1500
10.5
31.5
2.7
0.8
1000
0.15
10
31.5
2.3
0.8
1000
12.5
31.5
3.9
0.8
600
0.18
11
31.5
2.7
0.8
1000
13.5
31.5
4.6
0.8
500
0.22
11.5
31.5
3.2
0.8
800
15
31.5
5.5
0.8
500
0.27
13
31.5
3.9
0.8
650
16.5
31.5
6.7
0.8
900
0.33
14
31.5
4.6
0.8
500
18
31.5
8.1
1.0
750
0.39
15
31.5
5.4
0.8
1000
19.5
31.5
9.5
1.0
600
0.47
16.5
31.5
6.5
0.8
900
21.5
31.5
11.3
1.0
500
0.56
18
31.5
7.7
1.0
750
23.5
31.5
13.4
1.0
400
0.68
20
31.5
9.2
1.0
600
25.5
31.5
16.2
1.0
350
0.82
21.5
31.5
11.1
1.0
500
-
--
-
-
1
23.5
31.5
13.4
1.0
400
-
--
-
-
1.5
-
--
-
-
-
--
-
-
2.2
-
--
-
-
-
--
-
-
3.3
-
--
-
-
-
--
-
-


Similar Part No. - MKP1839HQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
More results

Similar Description - MKP1839HQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839 VISHAY-MKP1839_12 Datasheet
129Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 10-Dec-13
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com