Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1839HQ Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP1839HQ
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839HQ Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP1839HQ Datasheet HTML 4Page - Vishay Siliconix MKP1839HQ Datasheet HTML 5Page - Vishay Siliconix MKP1839HQ Datasheet HTML 6Page - Vishay Siliconix MKP1839HQ Datasheet HTML 7Page - Vishay Siliconix MKP1839HQ Datasheet HTML 8Page - Vishay Siliconix MKP1839HQ Datasheet HTML 9Page - Vishay Siliconix MKP1839HQ Datasheet HTML 10Page - Vishay Siliconix MKP1839HQ Datasheet HTML 11Page - Vishay Siliconix MKP1839HQ Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MKP 1839 HQ
Vishay Roederstein AC and Pulse Metallized Polypropylene Film Capacitors
MKP Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28162
268
Revision: 21-Apr-10
SUB-GROUP C3 A
4.12.1
Endurance test at 50 Hz
alternative voltage
Duration: 2000 h
x URDC at 85 °C
0.875 x URDC at 110 °C
4.12.1.1 Initial measurements
Capacitance
Tangent of loss angle at 100 kHz
4.12.1.3 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
ΔC/C| ≤ 5 % compared to values measured
in 4.12.1.1
Tangent of loss angle
Increase of tan
δ:
For C
≤ 470 nF ≤ 0.001 (10 x 10-4)
For C > 470 nF
≤ 0.0015 (15 x 10-4)
Compared to values measured in 4.12.1.1
Insulation resistance
≥ 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C4
4.2.6
Temperature characteristics
Initial measurement
Intermediate measurements
Capacitance
Capacitance at - 55 °C
Capacitance at 20 °C
Capacitance at 110 °C
For - 55 °C to 20 °C
0 %
≤ |ΔC/C| ≤ 2.75 % or
for 20 °C to 110 °C:
- 5.5 %
≤ |ΔC/C| ≤ 0 %
As specified in section “Capacitance” of this
specification
4.13
Charge and discharge
10 000 cycles
Charged to URDC
Discharge resistance:
4.13.1
Initial measurements
Capacitance
Tangent of loss angle at 100 kHz
4.13.3
Final measurements
Capacitance
|
ΔC/C| ≤ 3 % of the value measured in 4.13.1
Tangent of loss angle
Increase of tan
δ:
For C
≤ 470 nF ≤ 0.001 (10 x 10-4)
For C > 470 nF
≤ 0.0015 (15 x 10-4)
Compared to values measured in 4.13.1
Insulation resistance
≥ 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
R
U
n Vdc
()
2.5
C dU dt
()
×
----------------------------------------
=


Similar Part No. - MKP1839HQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
More results

Similar Description - MKP1839HQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839 VISHAY-MKP1839_12 Datasheet
129Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 10-Dec-13
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com