Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1839HQ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKP1839HQ
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839HQ Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP1839HQ Datasheet HTML 1Page - Vishay Siliconix MKP1839HQ Datasheet HTML 2Page - Vishay Siliconix MKP1839HQ Datasheet HTML 3Page - Vishay Siliconix MKP1839HQ Datasheet HTML 4Page - Vishay Siliconix MKP1839HQ Datasheet HTML 5Page - Vishay Siliconix MKP1839HQ Datasheet HTML 6Page - Vishay Siliconix MKP1839HQ Datasheet HTML 7Page - Vishay Siliconix MKP1839HQ Datasheet HTML 8Page - Vishay Siliconix MKP1839HQ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MKP 1839 HQ
Vishay Roederstein AC and Pulse Metallized Polypropylene Film Capacitors
MKP Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28162
262
Revision: 21-Apr-10
CHARACTERISTICS
Capacitance as a function of ambient temperature (typical curve)
Tangent of loss angle as a function of frequency (typical curve)
Impedance as a function of frequency (typical curve)
Max. DC and AC voltage as a function of temperature
Max. RMS Voltage (sinewave) as a function of frequency
Max. RMS Voltage (sinewave) as a function of frequency
2
- 2
- 4
- 6
0
T
amb (°C)
4
120
100
80
60
40
20
0
- 20
- 40
- 60
10
3
10
2
10
0
10
1
f (Hz)
10
2
10
4
10
3
10
5
10
6
3.3 µF
0.1 µF
1.0 µF
10
3
f (Hz)
10
4
10
6
10
5
10
7
10
8
10
2
10
1
10
0
10
-1
10
-2
10
-3
0.1 µF
0.22 µF
0.47 µF
1.0 µF
3.3 µF
Capacitance in µF
T
amb (°C)
1.2
100
60
20
- 20
- 60
1
0.8
0.6
0.4
0.2
0
10
3
f (Hz)
10
2
10
5
10
3
10
6
10
7
10
2
10
1
10
0
10
4
0.1 µF
0.22 µF
0.47 µF
1.0 µF
3.3 µF
T
amb ≤ 85 °C, 630 VDC
10
3
f (Hz)
10
2
10
5
10
3
10
6
10
7
10
2
10
1
10
0
10
4
0.1 µF
0.22 µF
0.47 µF
1.0 µF
3.3 µF
85 °C < T
amb ≤ 110 °C, 630 VDC


Similar Part No. - MKP1839HQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
More results

Similar Description - MKP1839HQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1839 VISHAY-MKP1839_12 Datasheet
129Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 10-Dec-13
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com