Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSB5XME1C1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSB5XME1C1E
Description  Xeon 1 Power Blue LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSB5XME1C1E Datasheet(HTML) 1 Page - OptoSupply International

  OSB5XME1C1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER C.0
X
Xe
eo
on
n 1
1 P
Po
ow
we
er
r B
Bllu
ue
e L
LE
ED
D
OSB5XME1C1E
VER C.0
Features
Outline Dimension
Highest Luminous Flux
Super Energy Efficiency
Long Lifetime Operation
Superior ESD protection
Superior UV Resistance
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Anode(+)
Cathode(-)
2.0
14.5
5.5
Unit:mm
Tolerance:±0.30mm
ESD Protection Diode
Anode
Cathode
3.6
BackView
■Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
400
mA
Pulse Forward Current*
IFP
500
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
1600
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=350mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=350mA
465
470
475
nm
Luminous Flux
Φ
v
IF=350mA
10
15
-
nm
50% Power Angle
1/2
IF=350mA
-
120
-
deg
400
350
300
250
0
50
100
150
200
025
50
75
125
100
RJ-A=60
/W
 
RJ-A=50
/W
 
RJ-A
=40
/W
 
RJ-A=30
/W
 
Ambient Temperature, TA ()
 
Note: Don’t drive at rated current more than 5s without heat sink for Xeon 1 emitter series.
LED & Application Technologies


Similar Part No. - OSB5XME1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5XME1C1S OPTOSUPPLY-OSB5XME1C1S Datasheet
116Kb / 1P
Xeon 1 Power LED
OSB5XME1C1S OPTOSUPPLY-OSB5XME1C1S Datasheet
116Kb / 1P
Xeon 1 Power LED Highest Luminous Flux Super Energy Efficiency
More results

Similar Description - OSB5XME1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB4XME1C1E OPTOSUPPLY-OSB4XME1C1E Datasheet
152Kb / 2P
Xeon 1 Power Blue LED
OSB4XNE1E1E_VER.C.2 OPTOSUPPLY-OSB4XNE1E1E_VER.C.2 Datasheet
146Kb / 2P
Xeon 1 Power blue LED
OSB6XNE1E1E OPTOSUPPLY-OSB6XNE1E1E Datasheet
100Kb / 2P
Xeon 1 Power Ice Blue LED
OSW4XME1C1S OPTOSUPPLY-OSW4XME1C1S Datasheet
116Kb / 1P
Xeon 1 Power LED
OSXXXNE1E1S OPTOSUPPLY-OSXXXNE1E1S Datasheet
110Kb / 1P
Xeon 1 Power LED
OSXXXME1C1S OPTOSUPPLY-OSXXXME1C1S_11 Datasheet
119Kb / 1P
Xeon 1 Power LED
OSTCXBEAC1E_VER.A.4 OPTOSUPPLY-OSTCXBEAC1E_VER.A.4 Datasheet
166Kb / 2P
xeon 1 power pure green & red &blue led
OSTCXBEAC1E OPTOSUPPLY-OSTCXBEAC1E Datasheet
116Kb / 1P
Xeon 1 Power Pure Green &Red & Blue LED
OSTCXBEAC1E OPTOSUPPLY-OSTCXBEAC1E_11 Datasheet
139Kb / 2P
Xeon 1 Power Pure Green &Red & Blue LED
OSG3XAE1E1E OPTOSUPPLY-OSG3XAE1E1E Datasheet
109Kb / 1P
Xeon 1 Power Cyan LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com