Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3USB30 Datasheet(PDF) 15 Page - Texas Instruments

Part # TS3USB30
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB30 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TS3USB30_09 Datasheet HTML 11Page - Texas Instruments TS3USB30_09 Datasheet HTML 12Page - Texas Instruments TS3USB30_09 Datasheet HTML 13Page - Texas Instruments TS3USB30_09 Datasheet HTML 14Page - Texas Instruments TS3USB30_09 Datasheet HTML 15Page - Texas Instruments TS3USB30_09 Datasheet HTML 16Page - Texas Instruments TS3USB30_09 Datasheet HTML 17Page - Texas Instruments TS3USB30_09 Datasheet HTML 18Page - Texas Instruments TS3USB30_09 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TS3USB30RSWR
UQFN
RSW
10
3000
179.0
8.4
1.7
2.1
0.7
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Dec-2009
Pack Materials-Page 1


Similar Part No. - TS3USB30_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB3000 TI-TS3USB3000 Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
TS3USB3000MRSER TI1-TS3USB3000MRSER Datasheet
1Mb / 26P
[Old version datasheet]   DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
TS3USB3000RLSR TI-TS3USB3000RLSR Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
TS3USB3000RLSR TI1-TS3USB3000RLSR Datasheet
1Mb / 26P
[Old version datasheet]   DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
TS3USB3000RSER TI-TS3USB3000RSER Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
More results

Similar Description - TS3USB30_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
logo
Texas Instruments
TS3USB221 TI-TS3USB221_08 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30 Datasheet
311Kb / 12P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_08 Datasheet
770Kb / 18P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com