Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41083 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 41083
Description  Power Relay 410 83 3 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

41083 Datasheet(HTML) 2 Page - Tyco Electronics

  41083_09 Datasheet HTML 1Page - Tyco Electronics 41083_09 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
2
Power Relay 410 83 3 mm (Continued)
Product key
Typical product key
041083
050
001
WG
Type
41083
Power Relay 410 83 3 mm
Coil
Coil code: please refer to coil versions table, preferred types in bold print
Version
001
1 NO contact (1 form A)
Version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Other types on request
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
1 NO bridging contact
S0256-CA
S0256-CD
S0282-AB
Product key
Version
Cont. material
Cont.configuration
Coil
Part number
0410 83 050 001 WG
standard
AgNi
1 NO contact
12 VDC
8-1415536-7
0410 83 053 001 WG
PCB/quick connect
9 VDC
8-1415536-8
0410 83 046 001 WG
24 VDC
8-1415536-6
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
2000 Vrms
Clearance / creepage coil-contact circuit
W 8 / 8 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
full disconnection
W 3 mm
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
230 / 400 V
Overvoltage category
III
Other data
Mechanical endurance
1x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant as per product date code 0349
Resistance to heat and fire, WG version
according EN60335, par.30
Environment
Ambient temperature range
-20...+85°C
Vibration resistance (function) NO (10...500Hz)
10 ms
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Processing
Mounting
pcb
Resistance to soldering heat
270°C / 10 s
Relay weight
24 g
Packaging unit
1050 pcs


Similar Part No. - 41083_09

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
   Power Relay
logo
TE Connectivity Ltd
41083 TEC-41083 Datasheet
277Kb / 2P
   General Purpose Low Power PCB Relays
More results

Similar Description - 41083_09

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41063 MACOM-41063_09 Datasheet
183Kb / 2P
   Power Relay 410 63 125째C
430 MACOM-430_09 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
logo
Winbond
W83193R-01 WINBOND-W83193R-01 Datasheet
237Kb / 19P
   83.MHZ 3-DIMM CLOCK
logo
Mill-Max Mfg. Corp.
10-43-308-10-001000 MILL-MAX-10-43-308-10-001000 Datasheet
450Kb / 1P
   SERIES 110, 410 ??RELAY AND ZIG-ZAG SOCKETS
logo
Schneider Electric
VW3A31408 SCHNEIDER-VW3A31408 Datasheet
152Kb / 4P
   additionnal EMC input filter - 3- phase supply - 83 A
Apr 20, 2022
logo
Visual Communications C...
CNX410056E024108 VCC-CNX410056E024108 Datasheet
36Kb / 1P
   410 CABLE ASSEMBLY
CNX410RTP VCC-CNX410RTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
logo
Sharp Corporation
LZ2353B SHARP-LZ2353B Datasheet
97Kb / 12P
   1/3-type CCD Area Sensors with 410 k Pixels
logo
Rectron Semiconductor
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
logo
Wall Industries,Inc.
MPQ48S3.3-83R WALL-MPQ48S3.3-83R Datasheet
401Kb / 7P
   83 W DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com