Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41083 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 41083
Description  Power Relay 410 83 3 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

41083 Datasheet(HTML) 1 Page - Tyco Electronics

  41083_09 Datasheet HTML 1Page - Tyco Electronics 41083_09 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
SCHRACK
Power Relay 410 83 3 mm
n 1 pole 16 A, 1 NO bridging contact
n Contact gap > 3 mm
n Switching capacity 4000 VA
n Coil power 360 mW
n 4 kV / 8 mm coil-contact, insulation to VDE 0631 and 0700
n Ambient temperature up to 85°C
n Quick connect terminals for load side
n Materials in accordance to IEC 60335-1
Applications
Washing machines, tumble dryers, absolute safe power supply
disconnection in other domestic applications
F0248-BB
Approvals
V REG.-Nr. 6198, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1NO
Contact set
single contact, bridging contact
Type of interruption
full disconnection
Rated voltage / max. switching voltage AC
250 / 400 VAC
Rated current
16 A
Maximum breaking capacity AC
4000 VA
Limiting making capacity, max 4 s, duty factor 10%
20 A
Contact material
AgNi
Contact gap
>3 mm
Rated frequency of operation with / without load
10 / 600 min-1
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
410 83
NO
16 A, 250 VAC, cos
ϕ=1
85°C
30x103
410 83
NO
10 A, 250 VAC, cos
ϕ=1
105°C
100x103
410 83
NO
10 A, 400 VAC, cos
ϕ=1
105°C
100x103
Coil data
Rated coil voltage range DC coil
6...60 VDC
Operative range to IEC 61810
1
Coil insulation system according UL1446
Class F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
053
9
5.9
0.68
230
+10%
360
054
6
3.9
0.45
100
+10%
360
050
12
7.9
0.9
400
+10%
360
046
24
15.8
1.8
1600
+10%
360
043
48
31.6
3.6
6400
+10%
360
042
60
39.5
4.5
10000
+10%
360
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - 41083_09

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
   Power Relay
logo
TE Connectivity Ltd
41083 TEC-41083 Datasheet
277Kb / 2P
   General Purpose Low Power PCB Relays
More results

Similar Description - 41083_09

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41063 MACOM-41063_09 Datasheet
183Kb / 2P
   Power Relay 410 63 125째C
430 MACOM-430_09 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
logo
Winbond
W83193R-01 WINBOND-W83193R-01 Datasheet
237Kb / 19P
   83.MHZ 3-DIMM CLOCK
logo
Mill-Max Mfg. Corp.
10-43-308-10-001000 MILL-MAX-10-43-308-10-001000 Datasheet
450Kb / 1P
   SERIES 110, 410 ??RELAY AND ZIG-ZAG SOCKETS
logo
Schneider Electric
VW3A31408 SCHNEIDER-VW3A31408 Datasheet
152Kb / 4P
   additionnal EMC input filter - 3- phase supply - 83 A
Apr 20, 2022
logo
Visual Communications C...
CNX410056E024108 VCC-CNX410056E024108 Datasheet
36Kb / 1P
   410 CABLE ASSEMBLY
CNX410RTP VCC-CNX410RTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
logo
Sharp Corporation
LZ2353B SHARP-LZ2353B Datasheet
97Kb / 12P
   1/3-type CCD Area Sensors with 410 k Pixels
logo
Rectron Semiconductor
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
logo
Wall Industries,Inc.
MPQ48S3.3-83R WALL-MPQ48S3.3-83R Datasheet
401Kb / 7P
   83 W DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com