Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

750310660 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 750310660
Description  TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

750310660 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  750310660 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SPECIFICATIONS @ 25°C unless otherwise noted:
D.C. RESISTANCE (@20°C):
5-6 , 2.00 Ohms ±10%.
8-7 , 0.400 Ohms ±10%.
4-1 , 0.060 Ohms ±10%.
DIELECTRIC RATING:
3600VAC, 1 minute tested by applying 4500VAC for 1 second between pins 1-8.
2000VAC, 1 minute tested by applying 2500VAC for 1 second between pins 1-4.
INDUCTANCE:
1.20 mH ±10%, 10kHz, 50mVAC, 0mADC, 5-6, Ls.
LEAKAGE INDUCTANCE:
30.0µH typ, 42µH max, 10kHz, 50mVAC, 5-6(1+4, 7+8), Ls.
TURNS RATIO:
( 5-6 ):( 8-7 ), (7.87):(1.00), ±1%.
( 5-6 ):( 4-1 ), (7.87):(1.00), ±1%.
WE-Midcom, Inc.
Unless otherwise specified, tolerances are as follows:
Angles: ±1°
Fractions: ±1/64
Decimals:±.005(.127mm)
WE-Midcom, Inc.
Watertown, SD USA
Drawing Title
Drawing Number
Rev.
Toll Free: 800-643-2661
Fax: 605-886-4486
Transformer
750310660
00
This drawing is dual dimensioned.
Dimensions is brackets are in millimeters
Revisions: See Sheet 1
Scale ----
Sheet 2 of 5
Engineer:TST
04/14/2008
(8)
(5)
(1)
(4)
Customer terminals in ( )
1
5
6
7
4
8
85-265V
120kHz
W1
12V, 20mA
W3
12V, 0.5A
(1)
(2)
(4)
(3)
(8)
(5)


Similar Part No. - 750310660

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
750310617 WURTH-750310617 Datasheet
186Kb / 1P
TRANSFORMER
More results

Similar Description - 750310660

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0559-3855-00 BEL-0559-3855-00 Datasheet
56Kb / 1P
TRANSFORMER
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
POWER TRANSFORMER POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
VDSL TRANSFORMER VDSL TRANSFORMER
logo
SCHOTT CORPORATION
22632 SCHOTT-22632 Datasheet
13Kb / 1P
TRANSFORMER
logo
Wurth Elektronik GmbH &...
750871032 WURTH-750871032 Datasheet
54Kb / 1P
TRANSFORMER
logo
Vicor Corporation
MV036F120M010 VICOR-MV036F120M010_10 Datasheet
711Kb / 10P
Transformer
logo
Wurth Elektronik GmbH &...
MIC38121-5356X-LF3 WURTH-MIC38121-5356X-LF3 Datasheet
354Kb / 2P
TRANSFORMER
750310349 WURTH-750310349 Datasheet
167Kb / 1P
TRANSFORMER
750310617 WURTH-750310617 Datasheet
186Kb / 1P
TRANSFORMER
750310799 WURTH-750310799 Datasheet
203Kb / 1P
TRANSFORMER
750310926 WURTH-750310926 Datasheet
139Kb / 1P
TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com