Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVCH32T245 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74AVCH32T245
Description  32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH32T245 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AVCH32T245_09 Datasheet HTML 4Page - Texas Instruments SN74AVCH32T245_09 Datasheet HTML 5Page - Texas Instruments SN74AVCH32T245_09 Datasheet HTML 6Page - Texas Instruments SN74AVCH32T245_09 Datasheet HTML 7Page - Texas Instruments SN74AVCH32T245_09 Datasheet HTML 8Page - Texas Instruments SN74AVCH32T245_09 Datasheet HTML 9Page - Texas Instruments SN74AVCH32T245_09 Datasheet HTML 10Page - Texas Instruments SN74AVCH32T245_09 Datasheet HTML 11Page - Texas Instruments SN74AVCH32T245_09 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SN74AVCH32T245
32BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES589B − AUGUST 2004 − REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.5 V ± 0.1 V (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
3.6
0.5
6.2
0.5
5.2
0.5
4.1
0.5
3.7
ns
tPHL
A
B
3.6
0.5
6.2
0.5
5.2
0.5
4.1
0.5
3.7
ns
tPLH
B
A
3.3
0.5
6.2
0.5
5.9
0.5
5.6
0.5
5.5
ns
tPHL
B
A
3.3
0.5
6.2
0.5
5.9
0.5
5.6
0.5
5.5
ns
tPZH
OE
A
4.3
1
10.1
1
10.1
1
10.1
1
10.1
ns
tPZL
OE
A
4.3
1
10.1
1
10.1
1
10.1
1
10.1
ns
tPZH
OE
B
5.6
1
10.1
0.5
8.1
0.5
5.9
0.5
5.2
ns
tPZL
OE
B
5.6
1
10.1
0.5
8.1
0.5
5.9
0.5
5.2
ns
tPHZ
OE
A
4.5
1.5
9.1
1.5
9.1
1.5
9.1
1.5
9.1
ns
tPLZ
OE
A
4.5
1.5
9.1
1.5
9.1
1.5
9.1
1.5
9.1
ns
tPHZ
OE
B
5.5
1.5
8.7
1.5
7.5
1
6.5
1
6.3
ns
tPLZ
OE
B
5.5
1.5
8.7
1.5
7.5
1
6.5
1
6.3
ns
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.8 V ± 0.15 V (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
3.4
0.5
5.9
0.5
4.8
0.5
3.7
0.5
3.3
ns
tPHL
A
B
3.4
0.5
5.9
0.5
4.8
0.5
3.7
0.5
3.3
ns
tPLH
B
A
3
0.5
5.2
0.5
4.8
0.5
4.5
0.5
4.4
ns
tPHL
B
A
3
0.5
5.2
0.5
4.8
0.5
4.5
0.5
4.4
ns
tPZH
OE
A
3.4
1
7.8
1
7.8
1
7.8
1
7.8
ns
tPZL
OE
A
3.4
1
7.8
1
7.8
1
7.8
1
7.8
ns
tPZH
OE
B
5.4
1
9.2
0.5
7.4
0.5
5.3
0.5
4.5
ns
tPZL
OE
B
5.4
1
9.2
0.5
7.4
0.5
5.3
0.5
4.5
ns
tPHZ
OE
A
4.2
1.5
7.7
1.5
7.7
1.5
7.7
1.5
7.7
ns
tPLZ
OE
A
4.2
1.5
7.7
1.5
7.7
1.5
7.7
1.5
7.7
ns
tPHZ
OE
B
5.2
1.5
8.4
1.5
7.1
1
5.9
1
5.7
ns
tPLZ
OE
B
5.2
1.5
8.4
1.5
7.1
1
5.9
1
5.7
ns


Similar Part No. - SN74AVCH32T245_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH32T245 TI-SN74AVCH32T245_07 Datasheet
565Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVCH32T245_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCB324245 TI-SN74AVCB324245_06 Datasheet
276Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245_07 Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245 Datasheet
418Kb / 19P
[Old version datasheet]   32-bit dual-supply bus transceiver with configurable voltage translation and 3-state outputs
SN74AVCH32T245 TI-SN74AVCH32T245_07 Datasheet
565Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB324245 TI-SN74AVCB324245 Datasheet
330Kb / 13P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245_07 Datasheet
334Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245 Datasheet
289Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245_09 Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com