Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-1-TRPBF Datasheet(PDF) 15 Page - Linear Technology

Part # LT6700HVHS6-1-TRPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-1-TRPBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LT6700HVHS6-1-TRPBF Datasheet HTML 11Page - Linear Technology LT6700HVHS6-1-TRPBF Datasheet HTML 12Page - Linear Technology LT6700HVHS6-1-TRPBF Datasheet HTML 13Page - Linear Technology LT6700HVHS6-1-TRPBF Datasheet HTML 14Page - Linear Technology LT6700HVHS6-1-TRPBF Datasheet HTML 15Page - Linear Technology LT6700HVHS6-1-TRPBF Datasheet HTML 16Page - Linear Technology LT6700HVHS6-1-TRPBF Datasheet HTML 17Page - Linear Technology LT6700HVHS6-1-TRPBF Datasheet HTML 18Page - Linear Technology LT6700HVHS6-1-TRPBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT6700/LT6700HV

6700123fg
applicaTions inForMaTion
using a supply filter, the start-up time of the LT6700 will
increase to:
tSTART = (0.17ms + 0.25 • tRC) • ΔVS
Where tSTART and tRC are in milliseconds and ΔVS is the
change in supply in volts. The low supply current of the
LT6700 should not cause significant voltage drop due to
a 2k maximum series R.
Flexible Window Comparator
Using the LT6700-1/LT6700HV-1 as shown in the circuits
of Figure 1, the wire-AND configuration permits high
accuracy window functions to be implemented with a
simple 3-resistor voltage divider network. The section A
comparator provides the VL trip-point and the section B
comparator provides the VH trip-point, with the built-in
hysteresis providing about 1.7% recovery level at each
trip point to prevent output chatter.
For designs that are to be optimized to detect
departure
from a window limit, the nominal resistor divider values
are selected as follows (refer to the resistor designators
shown on the first circuit of Figure 1):
R1 ≤ 400k (this sets the divider current >> IB of inputs)
R2 = R1 • (0.98 • VH/VL – 1)
R3 = R1 • (2.5 • VH – 0.98 • VH/VL)
To create window functions optimized for detecting
entry
into a window (i.e., where the output is to indicate a “com-
ing into spec” condition, as with the examples in Figure 1),
Figure 1. Simple Window Comparator
the nominal resistor values are selected as follows:
R1 ≤ 400k (this sets the divider current >> IB of inputs)
R2 = R1 • (1.02 • VH/VL – 1)
R3 = R1 • (2.54 • VH – 1.02 • VH/VL)
The worst-case variance of the trip-points is related to
the specified threshold limits of the LT6700/LT6700HV
device and the basic tolerance of divider resistors used.
For resistor tolerance RTOL (e.g. 0.01 for 1%), the worst-
case trip-point voltage (either VH or VL) deviations can be
predicted as follows (italicized values are taken from the
data sheet, expressed in volts):
Max dev VTRIP↑ = ±VTRIPnom • {2 • RTOL • [(VTRIPnom – 0.4)
/ VTRIPnom] + 1.25 • (VTH(R)max – VTH(R)min)}
Max dev VTRIP↓=±VTRIPnom•{2•RTOL•[(VTRIPnom–0.39)
/ VTRIPnom] + 1.27 • (VTH(F)max – VTH(F)min)}
Generating an External Reference Signal
In some applications, it would be advantageous to have
access to a signal that is directly related to the internal
400mV reference, even though the reference itself is not
available externally. This can be accomplished to a reason-
able degree by using an inverting comparator section as
a “bang-bang” servo, establishing a nominal voltage, on
an integration capacitor, that is scaled to the reference.
This method is used in Figure 2, where the reference level
has been doubled to drive a resistor bridge. The section
B output cycles on and off to swing the section B input
between its hysteresis trip points as the load capacitor
LT6700-1
VS
GND
R3
301k
R2
6.04k
33k
+INA
–INB OUTB
OUTA
VOUT
VS
VL
VH
3.3V
3.3V Supply Monitor
5V Supply Monitor
R1
40.2k
VOUT
HIGH = (3.1V < VS < 3.5V)
HYSTERESIS ZONES
APPROXIMATELY
2% OF TRIP VOLTAGE
LT6700-1
VS
GND
487k
6.04k
33k
+INA
–INB OUTB
OUTA
5V
40.2k
VOUT
HIGH = (4.7V < VS < 5.3V)
6700123 F01
0.1µF
0.1µF


Similar Part No. - LT6700HVHS6-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-1-TRPBF LINER-LT6700HVHS6-1-TRPBF Datasheet
209Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com