Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-3-TRMPBF Datasheet(PDF) 20 Page - Linear Technology

Part # LT6700HVHS6-3-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-3-TRMPBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LT6700HVHS6-3-TRMPBF Datasheet HTML 12Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 13Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 14Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 15Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 16Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 17Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 18Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 19Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT6700/LT6700HV
0
6700123fg
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
LINEAR TECHNOLOGY CORPORATION 2003
LT 0510 REV G • PRINTED IN USA
relaTeD parTs
Typical applicaTions
PowerPath™ Controller
48V Status Monitor
PART NUMBER
DESCRIPTION
COMMENTS
LT1017/LT1018
Micropower Dual Comparator
1.1V (Min) Supply Voltage, ±1.4mV (Max) Input Offset
LTC1441/LTC1442
Micropower Dual Comparator with 1% Reference
1.182 ±1% Reference, ±10mV (Max) Input Offset
LTC1998
Micropower Comparator for Battery Monitoring
2.5µA Typ Supply Current, Adjustable Threshold and Hysteresis
LT6703
Micropower Comparator with 400mV Reference
1.4V to 18V Supply Current, 6.5µA Supply Current
1.74M
7.87k
VIN
27k
33k
MOC-207
6700123 TA03
VOUT
LOW = (39V < VIN < 70V)
3V/5V
1
6
2
5
33k
VIN
HYSTERESIS ZONES
APPROXIMATELY
2% OF TRIP VOLTAGE
VOUT
LED OFF
LED ON
VL VH
10k
5.1V
CMPZ5231B
22V
CMPZ5251B
0.1µF
+
LT6700-1
VS
GND
+INA
–INB OUTB
OUTA
LT6700-3
VS
GND
+INA
+INB OUTB
OUTA
1k
R1
249k
R2
150k
R1 = 400k/(VBATT AT LOW –0.4)
R2 = 400k/(VBATT AT MAX –0.4)
HYSTERESIS ZONES APPROXIMATELY 2% OF TRIP VOLTAGE
PowerPath IS A TRADEMARK OF LINEAR TECHNOLOGY CORPORATION
1M
1M
Si2301DS
B0520LW
100k
VSUPPLY
1.6V MIN
3V NOM
VWART > 3.1V
VBATT > 2V
1µF
6700123 TA04
10k
“WART” INPUT
3.3V NOM
ALKALINE
AA CELLS
+
+


Similar Part No. - LT6700HVHS6-3-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-3-TRMPBF LINER-LT6700HVHS6-3-TRMPBF Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-3-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com