Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460EIS8-2.5-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1460EIS8-2.5-PBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460EIS8-2.5-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT1460EIS8-2.5-PBF Datasheet HTML 1Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 2Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 3Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 4Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 5Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 6Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 7Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 8Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT1460

1460fc
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
LT1460ACN8-2.5, ACS8-2.5
2.49813
–0.075
2.50188
0.075
V
%
LT1460BIN8-2.5, BIS8-2.5, CCMS8-2.5,
DCN8-2.5, DCS8-2.5
2.4975
–0.10
2.5025
0.10
V
%
LT1460EIN8-2.5, EIS8-2.5
2.49688
–0.125
2.50313
0.125
V
%
LT1460FCMS8-2.5
2.49625
–0.15
2.50375
0.15
V
%
LT1460GCZ-2.5, GIZ-2.5
2.49375
–0.25
2.50625
0.25
V
%
LT1460LHS8-2.5, MHS8-2.5
2.495
–0.20
2.505
0.20
V
%
LT1460ACN8-5, ACS8-5
4.99625
–0.075
5.00375
0.075
V
%
LT1460BIN8-5, BIS8-5, CCMS8-5,
DCN8-5, DCS8-5
4.995
–0.10
5.005
0.10
V
%
LT1460EIN8-5, EIS8-5
4.99375
–0.125
5.00625
0.125
V
%
LT1460FCMS8-5
4.9925
–0.15
5.0075
0.15
V
%
LT1460GCZ-5, GIZ-5
4.9875
–0.25
5.0125
0.25
V
%
LT1460LHS8-5, MHS8-5
4.990
–0.20
5.010
0.20
V
%
LT1460ACN8-10, ACS8-10
9.9925
–0.075
10.0075
0.075
V
%
LT1460BIN8-10, BIS8-10, CCMS8-10,
DCN8-10, DCS8-10
9.990
–0.10
10.010
0.10
V
%
LT1460EIN8-10, EIS8-10
9.9875
–0.125
10.0125
0.125
V
%
LT1460FCMS8-10
9.985
–0.15
10.0015
0.15
V
%
LT1460GCZ-10, GIZ-10
9.975
–0.25
10.025
0.25
V
%
LT1460HC
LT1460JC
LT1460KC
–0.2
–0.4
–0.5
0.2
0.4
0.5
%
%
%
Output Voltage Temperature Coefficient (Note 3)
TMIN ≤ TJ ≤ TMAX
LT1460ACN8, ACS8, BIN8, BIS8
LT1460CCMS8
LT1460DCN8, DCS8, EIN8, EIS8
LT1460FCMS8, GCZ, GIZ
LT1460LHS8
–40°C to 85°C
–40°C to 125°C
LT1460MHS8
–40°C to 125°C
l
l
l
l
l
l
l
5
7
10
12
10
25
25
10
15
20
25
20
50
50
ppm/°C
ppm/°C
ppm/°C
ppm/°C
ppm/°C
ppm/°C
ppm/°C
LT1460HC
LT1460JC
LT1460KC
l
l
l
10
10
25
20
20
50
ppm/°C
ppm/°C
ppm/°C
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT + 2.5V, IOUT = 0 unless otherwise specified.
electrical characteristics


Similar Part No. - LT1460EIS8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460EIS8-2.5 LINER-LT1460EIS8-2.5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460EIS8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com