Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460EIS8-2.5-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT1460EIS8-2.5-PBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460EIS8-2.5-PBF Datasheet(HTML) 2 Page - Linear Technology

  LT1460EIS8-2.5-PBF Datasheet HTML 1Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 2Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 3Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 4Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 5Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 6Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 7Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 8Page - Linear Technology LT1460EIS8-2.5-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT1460

1460fc
Input Voltage.............................................................30V
Reverse Voltage ......................................................–15V
Output Short-Circuit Duration, TA = 25°C
VIN > 10V ............................................................5 sec
VIN ≤ 10V..................................................... Indefinite
(Note 1)
Specified Temperature Range (Note 10)
Commercial (C)........................................ 0°C to 70°C
Industrial (I).........................................–40°C to 85°C
High (H)............................................. –40°C to 125°C
Storage Temperature Range (Note 2)..... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
absolute MaxiMuM ratings
3 GND
IN 1
TOP VIEW
S3 PACKAGE
3-LEAD PLASTIC SOT-23
OUT 2
TJMAX = 125°C, θJA = 228°C/W
1
2
3
4
8
7
6
5
TOP VIEW
DNC*
VIN
DNC*
GND
DNC*
DNC*
VOUT
DNC*
N8 PACKAGE
8-LEAD PLASTIC DIP
*CONNECTED INTERNALLY.
DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS
TJMAX = 150°C, θJA = 130°C/W
1
2
3
4
8
7
6
5
TOP VIEW
DNC*
DNC*
VOUT
DNC*
DNC*
VIN
DNC*
GND
S8 PACKAGE
8-LEAD PLASTIC SO
*CONNECTED INTERNALLY.
DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS
TJMAX = 150°C, θJA = 190°C/W
1
2
3
4
DNC*
VIN
DNC*
GND
8
7
6
5
DNC*
DNC*
VOUT
DNC*
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
*CONNECTED INTERNALLY.
DO NOT CONNECT EXTERNAL
CIRCUITRY TO THESE PINS
TJMAX = 150°C, θJA = 250°C/W
3
2
1
BOTTOM VIEW
VIN
VOUT GND
Z PACKAGE
3-LEAD TO-92 PLASTIC
TJMAX = 150°C, θJA = 160°C/W
pin conFiguration


Similar Part No. - LT1460EIS8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460EIS8-2.5 LINER-LT1460EIS8-2.5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460EIS8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com