Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460EIN8-2.5-PBF Datasheet(PDF) 26 Page - Linear Technology

Part # LT1460EIN8-2.5-PBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460EIN8-2.5-PBF Datasheet(HTML) 26 Page - Linear Technology

Back Button LT1460EIN8-2.5-PBF Datasheet HTML 18Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 19Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 20Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 21Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 22Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 23Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 24Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 25Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LT1460

1460fc
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
LINEAR TECHNOLOGY CORPORATION 2006
LT 0310 REV C • PRINTED IN USA
typical applications
Handling Higher Load Currents
Boosted Output Current with No Current Limit
Boosted Output Current with Current Limit
PART NUMBER DESCRIPTION
COMMENTS
LT1019
Precision Bandgap Reference
0.05% Max, 5ppm/°C Max
LT1027
Precision 5V Reference
0.02%, 2ppm/°C Max
LT1236
Precision Low Noise Reference
0.05% Max, 5ppm/°C Max, SO Package
LT1461
Micropower Precision Low Dropout
0.04% Max, 3ppm/°C Max, 50mA Output Current
LT1634
Micropower Precision Shunt Reference 1.25V, 2.5V Output
0.05%, 25ppm/°C Max
LT1790
Micropower Precision Series References
0.05% Max, 10ppm/°C Max, 60µA Supply, SOT23 Package
LTC®1798
Micropower Low Dropout Reference, Fixed or Adjustable
0.15% Max, 40ppm/°C, 6.5µA Max Supply Current
LTC6652
Low Drift Low Noise Buffered Reference
0.05% Accuracy, 5ppm/°C Drift, 2.1ppm (0.1Hz to 10Hz) Noise
LT6660
Tiny Micropower Precision Series References
0.075% Max, 10ppm/°C Max, 20mA Output, 2mm
× 2mm DFN Package
1460 TA03
RL
40mA
V+
R1*
VOUT
TYPICAL LOAD
CURRENT = 50mA
SELECT R1 TO DELIVER 80% OF TYPICAL LOAD CURRENT.
LT1460 WILL THEN SOURCE AS NECESSARY TO MAINTAIN
PROPER OUTPUT. DO NOT REMOVE LOAD AS OUTPUT WILL
BE DRIVEN UNREGULATED HIGH. LINE REGULATION IS
DEGRADED IN THIS APPLICATION
*
10mA
47µF
+
LT1460
OUT
GND
IN
R1 =
V+ – VOUT
40mA
V+ ≥ (VOUT + 1.8V)
LT1460
OUT
GND
IN
1460 TA04
2N2905
VOUT
100mA
47µF
2µF
SOLID
TANT
R1
220
+
+
1460 TA05
2N2905
VOUT
100mA
2µF
SOLID
TANT
D1*
LED
V+ ≥ VOUT + 2.8V
8.2
R1
220
GLOWS IN CURRENT LIMIT,
DO NOT OMIT
*
47µF
+
+
LT1460
OUT
GND
IN
relateD parts


Similar Part No. - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460EIN8-2.5 LINER-LT1460EIN8-2.5 Datasheet
514Kb / 24P
Micropower Precision Series Reference Family
More results

Similar Description - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com