Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460EIN8-2.5-PBF Datasheet(PDF) 20 Page - Linear Technology

Part # LT1460EIN8-2.5-PBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460EIN8-2.5-PBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1460EIN8-2.5-PBF Datasheet HTML 16Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 17Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 18Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 19Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 20Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 21Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 22Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 23Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LT1460
0
1460fc
1
2
3
4
1460 F19
LONG DIMENSION
2
1
0
0
40
30
20
FLEXURE NUMBER
10
1460 F20a
–1
FLEXURE NUMBER
1460 F20b
LONG DIMENSION
2
1
0
0
40
30
20
10
–1
deform the board a fixed amount as shown in Figure 19.
The flexure #1 represents no displacement, flexure #2 is
concavemovement,flexure#3isrelaxationtonodisplace-
ment and finally, flexure #4 is a convex movement. This
motion is repeated for a number of cycles and the relative
output deviation is noted. The result shown in Figure 20a
is for two LT1460S8-2.5s mounted vertically and Figure
20b is for two LT1460S8-2.5s mounted horizontally. The
parts oriented in Figure 20a impart less stress into the
package because stress is absorbed in the leads. Figures
20a and 20b show the deviation to be between 125µV and
Figure 19. Flexure Numbers
Figure 20b. Two Typical LT1460S8-2.5s, Horizontal
Orientation Without Slots
Figure 20a. Two Typical LT1460S8-2.5s, Vertical
Orientation Without Slots
250µV and implies a 50ppm and 100ppm change respec-
tively. This corresponds to a 13- to 14-bit system and is
not a problem for most 10- to 12-bit systems unless the
system has a calibration. In this case, as with temperature
hysteresis, this low level can be important and even more
careful techniques are required.
The most effective technique to improve PC board stress
is to cut slots in the board around the reference to serve
as a strain relief. These slots can be cut on three sides of
the reference and the leads can exit on the fourth side. This
“tongue” of PC board material can be oriented in the long
direction of the board to further reduce stress transferred
to the reference.
The results of slotting the PC boards of Figures 20a and
20b are shown in Figures 21a and 21b. In this example
the slots can improve the output shift from about 100ppm
to nearly zero.
SLOT
2
1
0
0
40
30
20
FLEXURE NUMBER
10
1460 F21a
–1
SLOT
2
1
0
0
40
30
20
FLEXURE NUMBER
10
1460 F21b
–1
Figure 21a. Same Two LT1460S8-2.5s in Figure 16a,
but with Slots
Figure 21b. Same Two LT1460S8-2.5s in Figure 16b,
but with Slots
applications inForMation


Similar Part No. - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460EIN8-2.5 LINER-LT1460EIN8-2.5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com