Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460EIN8-2.5-PBF Datasheet(PDF) 19 Page - Linear Technology

Part # LT1460EIN8-2.5-PBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460EIN8-2.5-PBF Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1460EIN8-2.5-PBF Datasheet HTML 15Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 16Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 17Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 18Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 19Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 20Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 21Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 22Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT1460

1460fc
Input Capacitance
It is recommended that a 0.1µF or larger capacitor be
added to the input pin of the LT1460. This can help with
stability when large load currents are demanded.
Output Accuracy
Likeallreferences,eitherseriesorshunt,theerrorbudgetof
the LT1460-2.5 is made up of primarily three components:
initialaccuracy,temperaturecoefficientandloadregulation.
Line regulation is neglected because it typically contrib-
utes only 30ppm/V, or 75µV for a 1V input change. The
LT1460-2.5typicallyshiftslessthan0.01%whensoldered
into a PCB, so this is also neglected (see PC Board Layout
section). The output errors are calculated as follows for a
100µA load and 0°C to 70°C temperature range:
LT1460AC
Initial accuracy = 0.075%
For IO = 100µA, and using the LT1460-2.5 for calculation,
ΔV
ppm
mA
mA
V
V
OUT =

(
)( )=
3500
0 1
2 5
875
.
.
µ
which is 0.035%.
For temperature 0°C to 70°C the maximum
ΔT = 70°C,
ΔV
ppm
C
C
V
mV
OUT =
°


°
( )( )=
10
70
2 5
1 75
.
.
which is 0.07%.
Total worst-case output error is:
0.075% + 0.035% + 0.070% = 0.180%.
Table 1 gives worst-case accuracy for the LT1460AC, CC,
DC, FC, GC from 0°C to 70°C and the LT1460BI, EI, GI
from –40°C to 85°C.
Note that the LT1460-5 and LT1460-10 give identical ac-
curacy as a fraction of their respective output voltages.
PC Board Layout
In 13- to 16-bit systems where initial accuracy and tem-
perature coefficient calibrations have been done, the me-
chanical and thermal stress on a PC board (in a cardcage
for instance) can shift the output voltage and mask the
true temperature coefficient of a reference. In addition,
the mechanical stress of being soldered into a PC board
can cause the output voltage to shift from its ideal value.
Surface mount voltage references (MS8 and S8) are the
most susceptible to PC board stress because of the small
amount of plastic used to hold the lead frame.
A simple way to improve the stress-related shifts is to
mount the reference near the short edge of the PC board,
or in a corner. The board edge acts as a stress boundary,
or a region where the flexure of the board is minimum.
The package should always be mounted so that the leads
absorb the stress and not the package. The package is
generally aligned with the leads parallel to the long side
of the PC board as shown in Figure 20a.
A qualitative technique to evaluate the effect of stress on
voltage references is to solder the part into a PC board and
Table 2. Worst-Case Output Accuracy Over Temperature
IOUT
LT1460AC
LT1460BI
LT1460CC LT1460DC
LT1460EI
LT1460FC LT1460GC
LT1460GI LT1460HC LT1460JC LT1460KC
0
0.145%
0.225%
0.205%
0.240%
0.375%
0.325%
0.425%
0.562%
0.340%
0.540%
0.850%
100µA
0.180%
0.260%
0.240%
0.275%
0.410%
0.360%
0.460%
0.597%
0.380%
0.580%
0.890%
10mA
0.325%
0.405%
0.385%
0.420%
0.555%
0.505%
0.605%
0.742%
0.640%
0.840%
1.15%
20mA
0.425%
N/A
0.485%
0.520%
N/A
0.605%
0.705%
N/A
0.540%
0.740%
1.05%
applications inForMation


Similar Part No. - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460EIN8-2.5 LINER-LT1460EIN8-2.5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com