Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460EIN8-2.5-PBF Datasheet(PDF) 16 Page - Linear Technology

Part # LT1460EIN8-2.5-PBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460EIN8-2.5-PBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1460EIN8-2.5-PBF Datasheet HTML 12Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 13Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 14Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 15Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 16Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 17Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 18Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 19Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LT1460

1460fc
LT1460-5
RL
VOUT
VGEN
1460 F06
CIN
0.1µF
5V
4V
CL
VIN = 5V
2µs/DIV
5V
4V
RL = 10k
RL = 1k
1460 F07
VGEN
VOUT
VOUT
10µs/DIV
5V
4V
RL = 10k
RL = 1k
1460 F08
VGEN
VOUT
VOUT
CL = 1µF. RS should not be made arbitrarily large because
it will limit the load regulation.
Figure 6 to Figure 8 illustrate response in the LT1460-5.
The 1V step from 5V to 4V produces a current step of
1mA or 100µA for RL = 1k or RL = 10k. Figure 7 shows the
response of the reference with no load capacitance.
The reference settles to 5mV (0.1%) in less than 2µs for
a 100µA pulse and to 0.1% in 3µs with a 1mA step. When
loadcapacitanceisgreaterthan0.01µF,thereferencebegins
to ring due to the pole formed with the output impedance.
Figure 8 shows the response of the reference to a 1mA
Figure 6. Response Time Test Circuit
Figure 8. CL = 0.01µF
Figure 7. CL = 0
and 100µA load current step with a 0.01µF load capacitor.
Figure 9 to Figure 11 illustrate response of the LT1460-10.
The 1V step from 10V to 9V produces a current step of
1mA or 100µA for RL = 1k or RL = 10k. Figure 10 shows
the response of the reference with no load capacitance.
The reference settles to 10mV (0.1%) in 0.4µs for a 100µA
pulse and to 0.1% in 0.8µs with a 1mA step. When load
capacitance is greater than 0.01µF, the reference begins
to ring due to the pole formed with the output impedance.
Figure11showstheresponseofthereferencetoa1mAand
100µA load current step with a 0.01µF load capacitor.
Figure 11. CL = 0.01µF
Figure 10. CL = 0
Figure 9. Response Time Test Circuit
LT1460-10
RL
VOUT
VGEN
1460 F09
CIN
0.1µF
10V
9V
CL
VIN = 12.5V
2µs/DIV
10V
9V
RL = 10k
RL = 1k
1460 F10
VGEN
VOUT
VOUT
10µs/DIV
10V
9V
RL = 10k
RL = 1k
1460 F11
VGEN
VOUT
VOUT
applications inForMation


Similar Part No. - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460EIN8-2.5 LINER-LT1460EIN8-2.5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com