Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460EIN8-2.5-PBF Datasheet(PDF) 15 Page - Linear Technology

Part # LT1460EIN8-2.5-PBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460EIN8-2.5-PBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1460EIN8-2.5-PBF Datasheet HTML 11Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 12Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 13Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 14Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 15Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 16Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 17Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 18Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LT1460

1460fc
Longer Battery Life
Series references have a large advantage over older shunt
style references. Shunt references require a resistor from
the power supply to operate. This resistor must be chosen
tosupplythemaximumcurrentthatcaneverbedemanded
by the circuit being regulated. When the circuit being
controlled is not operating at this maximum current, the
shunt reference must always sink this current, resulting
in high dissipation and short battery life.
The LT1460 series reference does not require a current set-
ting resistor and can operate with any supply voltage from
VOUT +0.9Vto20V.Whenthecircuitrybeingregulateddoes
not demand current, the LT1460 reduces its dissipation and
battery life is extended. If the reference is not delivering load
current it dissipates only a few mW, yet the same configura-
tion can deliver 20mA of load current when demanded.
Capacitive Loads
The LT1460 is designed to be stable with capacitive loads.
With no capacitive load, the reference is ideal for fast set-
tling, applications where PC board space is a premium,
or where available capacitance is limited.
The test circuit for the LT1460-2.5 shown in Figure 1 is
used to measure the response time for various load cur-
rents and load capacitors. The 1V step from 2.5V to 1.5V
produces a current step of 1mA or 100µA for RL = 1k or
RL = 10k. Figure 2 shows the response of the reference
with no load capacitance.
The reference settles to 2.5mV (0.1%) in less than 1µs
for a 100µA pulse and to 0.1% in 1.5µs with a 1mA step.
When load capacitance is greater than 0.01µF, the refer-
ence begins to ring due to the pole formed with the output
impedance. Figure 3 shows the response of the reference
to a 1mA and 100µA load current step with a 0.01µF load
capacitor. The ringing can be greatly reduced with a DC
loadassmallas200µA.Withlargeoutputcapacitors,≥1µF,
Figure 5. Effect of RS for CL = 1µF
Figure 1. Response Time Test Circuit
Figure 2. CL = 0
Figure 3. CL = 0.01µF
Figure 4. Isolation Resistor Test Circuit
LT1460-2.5
RL
VOUT
VGEN
1460 F01
CIN
0.1µF
2.5V
1.5V
CL
VIN = 5V
LT1460-2.5
RL
VGEN
1460 F04
CIN
0.1µF
2.5V
1.5V
CL
VIN = 5V
VOUT
RS
1µs/DIV
2.5V
1.5V
RL = 10k
RL = 1k
1460 F02
VGEN
VOUT
VOUT
20µs/DIV
VGEN
VOUT
VOUT
2.5V
1.5V
RL = 10k
RL = 1k
1460 F03
0.1ms/DIV
2.5V
1.5V
RL = 1k
RS = 0
RL = 1k
RS = 2
1460 F05
VGEN
VOUT
VOUT
the ringing can be reduced with a small resistor in series
with the reference output as shown in Figure 4. Figure 5
shows the response of the LT1460-2.5 with a RS = 2Ω and
applications inForMation


Similar Part No. - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460EIN8-2.5 LINER-LT1460EIN8-2.5 Datasheet
514Kb / 24P
Micropower Precision Series Reference Family
More results

Similar Description - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com