Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460EIN8-2.5-PBF Datasheet(PDF) 13 Page - Linear Technology

Part # LT1460EIN8-2.5-PBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460EIN8-2.5-PBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1460EIN8-2.5-PBF Datasheet HTML 9Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 10Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 11Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 12Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 13Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 14Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 15Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 16Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT1460

1460fc
OUTPUT CURRENT (mA)
0.1
15
20
25
30
35
1
10
100
1460 G47
10
5
–5
–10
0
125°C
25°C
–55°C
OUTPUT CURRENT (mA)
0
150
200
250
4
1460 G48
100
50
0
1
2
3
5
125°C
–55°C
25°C
TEMPERATURE (°C)
–50
10.002
10.004
10.006
0
50
75
1460 G49
9.998
10.000
9.996
9.994
9.992
9.990
9.988
9.986
9.984
9.982
–25
25
100 125
THREE TYPICAL PARTS
FREQUENCY (Hz)
100
1000
10
1k
10k
1460 G44
100
100k
TIME (2 SEC/DIV)
1460 G45
INPUT-OUTPUT VOLTAGE (V)
0
0.1
10
125°C
25°C
100
0.5
1.0
1.5
2.0
2.5
1460 G46
1
–55°C
INPUT VOLTAGE (V)
0
0
50
150
200
250
350
2
10
14
1460 G50
100
300
8
18 20
4
6
12
16
125°C
–55°C
25°C
INPUT VOLTAGE (V)
6
10.000
10.005
10.010
12
16
1460 G51
9.995
9.990
8
10
14
18
20
9.985
9.980
125°C
–55°C
25°C
Characteristic curves are similar for all voltage
options of the LT1460S3. Curves from the LT1460S3-2.5 and the LT1460S3-10 represent the extremes of the voltage options.
Characteristic curves for other output voltages fall between these curves, and can be estimated based on their voltage output.
LT1460S3-2.5V Output Voltage
Noise Spectrum
LT1460S3-2.5V Output Noise
0.1Hz to 10Hz
LT1460S3-10V Minimum Input-
Output Voltage Differential
LT1460S3-10V Load Regulation,
Sourcing
LT1460S3-10V Load Regulation,
Sinking
LT1460S3-10V Output Voltage
Temperature Drift
LT1460S3-10V Supply Current
vs Input Voltage
LT1460S3-10V Line Regulation
typical perForMance characteristics


Similar Part No. - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460EIN8-2.5 LINER-LT1460EIN8-2.5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com