Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460EIN8-2.5-PBF Datasheet(PDF) 12 Page - Linear Technology

Part # LT1460EIN8-2.5-PBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460EIN8-2.5-PBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1460EIN8-2.5-PBF Datasheet HTML 8Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 9Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 10Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 11Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 12Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 13Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 14Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 15Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LT1460

1460fc
TEMPERATURE (°C)
–50
2.501
2.502
2.503
25
75
1460 G38
2.500
2.499
–25
0
50
100
125
2.498
2.497
THREE TYPICAL PARTS
INPUT VOLTAGE (V)
0
100
150
125°C
25°C
–55°C
20
1460 G39
50
0
5
10
15
250
200
INPUT VOLTAGE (V)
0
2.502
2.501
2.500
2.499
2.498
2.497
2.496
2.495
2.494
16
1460 G40
4
8
12
20
14
2
6
10
18
25°C
125°C
–55°C
INPUT-OUTPUT VOLTAGE (V)
0
0.1
10
125°C
25°C
100
0.5
1.0
1.5
2.0
2.5
1460 G35
1
–55°C
OUTPUT CURRENT (mA)
0.1
–2.0
–1.0
0
1
10
100
1460 G36
–3.0
–2.5
–1.5
–0.5
–3.5
–4.0
–55°C
25°C
125°C
OUTPUT CURRENT (mA)
0
0
20
40
60
80
100
120
1
2
3
4
–55°C
1460 G37
5
125°C
25°C
FREQUENCY (kHz)
20
40
50
70
80
0.1
10
100
1000
1460 G41
0
1
60
30
10
FREQUENCY (kHz)
1
10
100
1000
0.01
1
10
100
0.1
0.1
1000
1460 G42
CL = 0µF
CL = 0.1µF
CL = 1µF
CLOAD = 0µF
200µs/DIV
10
20
1
0.1
1460 G43
Characteristic curves are similar for all voltage
options of the LT1460S3. Curves from the LT1460S3-2.5 and the LT1460S3-10 represent the extremes of the voltage options.
Characteristic curves for other output voltages fall between these curves, and can be estimated based on their voltage output.
LT1460S3-2.5V Minimum Input-
Output Voltage Differential
LT1460S3-2.5V Load Regulation,
Sourcing
LT1460S3-2.5V Load Regulation,
Sinking
LT1460S3-2.5V Output Voltage
Temperature Drift
LT1460S3-2.5V Supply Current
vs Input Voltage
LT1460S3-2.5V Line Regulation
LT1460S3-2.5V Power Supply
Rejection Ratio vs Frequency
LT1460S3-2.5V Output Impedance
vs Frequency
LT1460S3-2.5V Transient
Response
typical perForMance characteristics


Similar Part No. - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460EIN8-2.5 LINER-LT1460EIN8-2.5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com