Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460HCS3-10-TRMPBF Datasheet(PDF) 18 Page - Linear Technology

Part # LT1460HCS3-10-TRMPBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460HCS3-10-TRMPBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1460HCS3-10-TRMPBF Datasheet HTML 14Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 15Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 16Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 17Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 18Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 19Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 20Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 21Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LT1460

1460fc
Table 1. Maximum Output Capacitance for LT1460S3
VOLTAGE
OPTION
IOUT = 100µA IOUT = 1mA IOUT = 10mA IOUT = 20mA
2.5V
>10µF
>10µF
2µF
0.68µF
3V
>10µF
>10µF
2µF
0.68µF
3.3V
>10µF
>10µF
1µF
0.68µF
5V
>10µF
>10µF
1µF
0.68µF
10V
>10µF
1µF
0.15µF
0.1µF
Long-Term Drift
Long-termdriftcannotbeextrapolatedfromaccelerated
hightemperaturetesting.Thiserroneoustechniquegives
drift numbers that are wildly optimistic. The only way
long-term drift can be determined is to measure it over
the time interval of interest. The LT1460S3 long-term
drift data was taken on over 100 parts that were soldered
into PC boards similar to a “real world” application. The
boards were then placed into a constant temperature oven
with TA = 30°C, their outputs were scanned regularly and
measured with an 8.5 digit DVM. Figure 16 shows typical
long-term drift of the LT1460S3s.
Hysteresis
HysteresisdatashowninFigure17andFigure18represents
the worst-case data taken on parts from 0°C to 70°C and
from –40°C to 85°C. The device is capable of dissipating
relativelyhighpower,i.e.,fortheLT1460S3-2.5,PD=17.5V
• 20mA = 350mW. The thermal resistance of the SOT-23
package is 325°C/W and this dissipation causes a 114°C
internal rise producing a junction temperature of TJ=25°C
+ 114°C = 139°C. This elevated temperature will cause
the output to shift due to thermal hysteresis. For highest
performance in precision applications, do not let the
LT1460S3’s junction temperature exceed 85°C.
Figure 16. Typical Long-Term Drift
Figure 17. 0°C to 70°C Hysteresis
Figure 18. –40°C to 85°C Hysteresis
HOURS
–150
–50
50
150
–100
0
100
200
400
600
800
1460 F16
1000
100
0
300
500
700
900
HYSTERESIS (ppm)
–240
–160
–80
0
8
70°C TO 25°C
0°C TO 25°C
10
12
1460 F17
6
4
80
160
–200
–120
–40
40
120
200
2
0
18
16
14
240
WORST-CASE HYSTERESIS
ON 40 UNITS
HYSTERESIS (ppm)
–600
–400
–200
0
4
85°C TO 25°C
–40°C TO 25°C
5
6
1460 F18
3
2
200
400
–500
–300
–100
100
300
500
1
0
9
8
7
600
WORST-CASE HYSTERESIS
ON 34 UNITS
applications inForMation


Similar Part No. - LT1460HCS3-10-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460HCS3-10 LINER-LT1460HCS3-10 Datasheet
197Kb / 12P
Family of Micropower Series References in SOT-23
LT1460HCS3-10 LINER-LT1460HCS3-10 Datasheet
514Kb / 24P
Micropower Precision Series Reference Family
More results

Similar Description - LT1460HCS3-10-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com