Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460HCS3-10-TRMPBF Datasheet(PDF) 17 Page - Linear Technology

Part # LT1460HCS3-10-TRMPBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460HCS3-10-TRMPBF Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1460HCS3-10-TRMPBF Datasheet HTML 13Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 14Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 15Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 16Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 17Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 18Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 19Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 20Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LT1460

1460fc
Figure 13. CL = 0µF
Figure 14. CL = 0.1µF
Figure 15. IOUT = 1mA
Figure 12. Response Time Test Circuit
The LT1460S3 family of references are designed to be
stable with a large range of capacitive loads. With no
capacitive load, these references are ideal for fast settling
or applications where PC board space is a premium. The
test circuit shown in Figure 12 is used to measure the
response time and stability of various load currents and
load capacitors. This circuit is set for the 2.5V option. For
other voltage options, the input voltage must be scaled
up and the output voltage generator offset voltage must
be adjusted. The 1V step from 2.5V to 1.5V produces a
current step of 10mA or 1mA for RL = 100Ω or RL = 1k.
Figure 13 shows the response of the reference to these
applications inForMation
LT1460S3-2.5
RL
VOUT
VGEN
1460 F12
CIN
0.1µF
2.5V
1.5V
CL
VIN = 2.5V
1µs/DIV
10mA
1mA
1.5V
2.5V
1460 F13
VGEN
VOUT
VOUT
100µs/DIV
10mA
1mA
1.5V
2.5V
1460 F14
VGEN
VOUT
VOUT
100µs/DIV
4.7µA
1µA
1.5V
2.5V
1460 F15
VGEN
VOUT
VOUT
1mA and 10mA load steps with no load capacitance, and
Figure 14 shows a 1mA and 10mA load step with a 0.1µF
output capacitor. Figure 15 shows the response to a 1mA
load step with CL = 1µF and 4.7µF.
The frequency compensation of the LT1460S3 version is
slightlydifferentthanthatoftheotherpackages.Additional
care must be taken when choosing load capacitance in an
application circuit.
Table 1 gives the maximum output capacitance for vari-
ous load currents and output voltages of the LT1460S3 to
avoid instability. Load capacitors with low ESR (effective
series resistance) cause more ringing than capacitors
with higher ESR such as polarized aluminum or tantalum
capacitors.


Similar Part No. - LT1460HCS3-10-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460HCS3-10 LINER-LT1460HCS3-10 Datasheet
197Kb / 12P
Family of Micropower Series References in SOT-23
LT1460HCS3-10 LINER-LT1460HCS3-10 Datasheet
514Kb / 24P
Micropower Precision Series Reference Family
More results

Similar Description - LT1460HCS3-10-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
5V MICROPOWER PRECISION REFERENCE
logo
Linear Technology
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
Micropower Precision Series Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
Precision Micropower Series Voltage Reference
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
December 2021 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com