Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460HCS3-10-TRMPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LT1460HCS3-10-TRMPBF
Description  Micropower Precision Series Reference Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460HCS3-10-TRMPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1460HCS3-10-TRMPBF Datasheet HTML 10Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 11Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 12Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 13Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 14Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 15Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 16Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 17Page - Linear Technology LT1460HCS3-10-TRMPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT1460

1460fc
FREQUENCY (kHz)
0.01
0.1
1
10
1
10
0.1
100
1460 G55
TIME (2 SEC/DIV)
1460 G56
FREQUENCY (kHz)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
1460 G52
0
1
FREQUENCY (kHz)
1
10
100
1000
0.01
1
10
100
0.1
0.1
1000
1460 G53
CL = 0µF
CL = 0.1µF
CL = 1µF
CLOAD = 0µF
200µs/DIV
10
20
1
0.1
1460 G54
Characteristic curves are similar for all voltage
options of the LT1460S3. Curves from the LT1460S3-2.5 and the LT1460S3-10 represent the extremes of the voltage options.
Characteristic curves for other output voltages fall between these curves, and can be estimated based on their voltage output.
LT1460S3-10V Power Supply
Rejection Ratio vs Frequency
LT1460S3-10V Output Impedance
vs Frequency
LT1460S3-10V Transient
Response
LT1460S3-10V Output Voltage
Noise Spectrum
LT1460S3-10V Output Noise
0.1Hz to 10Hz
typical perForMance characteristics


Similar Part No. - LT1460HCS3-10-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460HCS3-10 LINER-LT1460HCS3-10 Datasheet
197Kb / 12P
Family of Micropower Series References in SOT-23
LT1460HCS3-10 LINER-LT1460HCS3-10 Datasheet
514Kb / 24P
Micropower Precision Series Reference Family
More results

Similar Description - LT1460HCS3-10-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
5V MICROPOWER PRECISION REFERENCE
logo
Linear Technology
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
Micropower Precision Series Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
Precision Micropower Series Voltage Reference
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
December 2021 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com