Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0392DPA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0392DPA
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0392DPA Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0392DPA Datasheet HTML 1Page - Renesas Technology Corp RJK0392DPA Datasheet HTML 2Page - Renesas Technology Corp RJK0392DPA Datasheet HTML 3Page - Renesas Technology Corp RJK0392DPA Datasheet HTML 4Page - Renesas Technology Corp RJK0392DPA Datasheet HTML 5Page - Renesas Technology Corp RJK0392DPA Datasheet HTML 6Page - Renesas Technology Corp RJK0392DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1825-0210 Rev.2.10 Sep 29, 2009
Page 1 of 6
Preliminary
RJK0392DPA
Silicon N Channel Power MOS FET
Power Switching
REJ03G1825-0210
Rev.2.10
Sep 29, 2009
Features
• High speed switching
• Capable of 4.5 V gate drive
• Low drive current
• High density mounting
• Low on-resistance
RDS(on) = 2.7 mΩ typ. (at VGS = 10 V)
• Pb-free
Outline
RENESAS Package code: PWSN0008DA-A
(Package name: WPAK)
G
D
SS S
DD D
4
12 3
56 7 8
1, 2, 3
Source
4
Gate
5, 6, 7, 8 Drain
8
7
6
5
2 1
3
4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
45
A
Drain peak current
ID(pulse)
Note1
180
A
Body-drain diode reverse drain current
IDR
45
A
Avalanche current
IAP
Note 2
17
A
Avalanche energy
EAR
Note 2
28.9
mJ
Channel dissipation
Pch
Note3
45
W
Channel to case thermal impedance
θch-c Note3
2.78
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. Value at Tch = 25
°C, Rg ≥ 50 Ω
3. Tc = 25
°C


Similar Part No. - RJK0392DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0392DPA RENESAS-RJK0392DPA Datasheet
109Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0392DPA-00-J5A RENESAS-RJK0392DPA-00-J5A Datasheet
109Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0392DPA RENESAS-RJK0392DPA_13 Datasheet
109Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0392DPA

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAT2064R HITACHI-HAT2064R Datasheet
48Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
logo
Renesas Technology Corp
RJK0652DPB RENESAS-RJK0652DPB Datasheet
87Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK1212DPA RENESAS-RJK1212DPA Datasheet
130Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0657DPA RENESAS-RJK0657DPA Datasheet
123Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK1028DSP RENESAS-RJK1028DSP Datasheet
91Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK1211DPA RENESAS-RJK1211DPA Datasheet
100Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
RJK0212DPA RENESAS-RJK0212DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
RJK0452DPB RENESAS-RJK0452DPB Datasheet
87Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0660DPA RENESAS-RJK0660DPA Datasheet
141Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2129H RENESAS-HAT2129H Datasheet
89Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com