Electronic Components Datasheet Search |
|
R5F64166HDFB Datasheet(PDF) 20 Page - Renesas Technology Corp |
|
|
R5F64166HDFB Datasheet(HTML) 20 Page - Renesas Technology Corp |
20 / 98 page REJ03B0253-0110 Rev.1.10 Page 20 of 95 Jun 23, 2010 R32C/116 Group 1. Overview Note: 1. Pins BC2/D1, WR2, WR3, BC2, and BC3 are available in the 144-pin package only. Table 1.15 Pin Definitions and Functions (2/4) Function Symbol I/O Description Bus control pins BC0/D0, BC2/D1 (1) I/O Output of byte control ( BC0 and BC2) and input/output of data (D0 and D1) by time-division while accessing an external memory space with multiplexed bus CS0 to CS3 O Chip select output WR0/WR1/WR2/ WR3 WR/BC0/BC1/ BC2/BC3 RD (1) O Output of write, byte control, and read signals. Either WRx or WR and BCx can be selected by a program. Data is read when RD is low. • When WR0, WR1, WR2, WR3, and RD are selected, data is written to the following address: 4n+0, when WR0 is low 4n+1, when WR1 is low 4n+2, when WR2 is low 4n+3, when WR3 is low on 32-bit external data bus or an even address, when WR0 is low an odd address, when WR1 is low on 16-bit external data bus • When WR, BC0, BC1, BC2, BC3, and RD are selected, data is written, when WR is low and the following address is accessed: 4n+0, when BC0 is low 4n+1, when BC1 is low 4n+2, when BC2 is low 4n+3, when BC3 is low on 32-bit external data bus or an even address, when BC0 is low an odd address, when BC1 is low on 16-bit external data bus ALE O Latch enable signal in multiplexed bus format HOLD I The MCU is in a hold state while this pin is held low HLDA O This pin is driven low while the MCU is held in a hold state RDY I Bus cycle is extended by the CPU if this pin is low on the falling edge of the BCLK |
Similar Part No. - R5F64166HDFB |
|
Similar Description - R5F64166HDFB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |