![]() |
Electronic Components Datasheet Search |
|
R5F64166HDFB Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
|
R5F64166HDFB Datasheet(HTML) 5 Page - Renesas Technology Corp |
5 / 98 page ![]() REJ03B0253-0110 Rev.1.10 Page 5 of 95 Jun 23, 2010 R32C/116 Group 1. Overview Note: 1. Please contact a Renesas Electronics sales office to use the optional feature. Table 1.4 R32C/116 Group Performance for the 100-pin Package (2/2) Unit Function Performance Timer Timer A 16-bit timer × 5 Timer mode, event counter mode, one-shot timer mode, pulse-width modulation (PWM) mode Two-phase pulse signal processing in event counter mode (two- phase encoder input) × 3 Timer B 16-bit timer × 6 Timer mode, event counter mode, pulse frequency measurement mode, pulse-width measurement mode Three-phase motor control timer Three-phase motor control timer × 1 (timers A1, A2, A4, and B2 used) 8-bit programmable dead time timer Serial Interface UART0 to UART8 Asynchronous/synchronous serial interface × 9 channels •I2C-bus (UART0 to UART6) • Special mode 2 (UART0 to UART6) • IEBus (optional (1)) (UART0 to UART6) A/D Converter 10-bit resolution × 26 channels Sample and hold functionality integrated D/A Converter 8-bit resolution × 2 CRC Calculator CRC-CCITT (X16 + X12 + X5 + 1) X-Y Converter 16 bits × 16 bits Intelligent I/O Time measurement (input capture): 16 bits × 16 Waveform generation (output compare): 16 bits × 19 Serial interface: Variable-length synchronous serial I/O mode, IEBus mode (optional (1)) Multi-master I2C-bus Interface 1 channel Flash Memory Programming and erasure supply voltage: VCC = 3.0 to 5.5 V Minimum endurance: 1,000 program/erase cycles Security protection: ROM code protect, ID code protect Debugging: On-chip debug, on-board flash programming Operating Frequency/Supply Voltage 64 MHz (high speed version)/VCC = 3.0 to 5.5 V 50 MHz (normal speed version)/VCC = 3.0 to 5.5 V Operating Temperature -20°C to 85°C (version N) -40°C to 85°C (version D) -40°C to 85°C (version P) Current Consumption 45 mA (VCC = 5.0 V, f(CPU) = 64 MHz) 35 mA (VCC = 5.0 V, f(CPU) = 50 MHz) 8 µA (VCC = 3.3 V, f(XCIN) = 32.768 kHz, in wait mode) Package 100-pin plastic molded LQFP (PLQP0100KB-A) |
Similar Part No. - R5F64166HDFB |
|
Similar Description - R5F64166HDFB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |