Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21354DNFP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F21354DNFP
Description  RENESAS MCU
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21354DNFP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F21354DNFP Datasheet HTML 20Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 21Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 22Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 23Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 24Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 25Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 26Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 27Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
R8C/35D Group
5. Electrical Characteristics
REJ03B0286-0100 Rev.1.00
Page 24 of 43
Mar 26, 2010
Notes:
1.
VCC = 1.8 to 5.5 V at Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
The average output current indicates the average value of current measured during 100 ms.
3.
fOCO40M can be used as the count source for timer RC in the range of VCC = 2.7 to 5.5 V.
Table 5.2
Recommended Operating Conditions
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC Supply voltage
1.8
5.5
V
VSS/AVSS
Supply voltage
–0
V
VIH
Input “H” voltage
Other than CMOS input
0.8 VCC
–VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.5 VCC
–VCC
V
2.7 V
≤ VCC < 4.0 V 0.55 VCC
–VCC
V
1.8 V
≤ VCC < 2.7 V 0.65 VCC
–VCC
V
Input level selection
: 0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V 0.65 VCC
–VCC
V
2.7 V
≤ VCC < 4.0 V
0.7 VCC
–VCC
V
1.8 V
≤ VCC < 2.7 V
0.8 VCC
–VCC
V
Input level selection
: 0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V 0.85 VCC
–VCC
V
2.7 V
≤ VCC < 4.0 V 0.85 VCC
–VCC
V
1.8 V
≤ VCC < 2.7 V 0.85 VCC
–VCC
V
External clock input (XOUT)
1.2
VCC
V
VIL
Input “L” voltage
Other than CMOS input
0
0.2 VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
0.2 VCC
V
2.7 V
≤ VCC < 4.0 V
0
0.2 VCC
V
1.8 V
≤ VCC < 2.7 V
0
0.2 VCC
V
Input level selection
: 0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
0.4 VCC
V
2.7 V
≤ VCC < 4.0 V
0
0.3 VCC
V
1.8 V
≤ VCC < 2.7 V
0
0.2 VCC
V
Input level selection
: 0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
0.55 VCC
V
2.7 V
≤ VCC < 4.0 V
0
0.45 VCC
V
1.8 V
≤ VCC < 2.7 V
0
0.35 VCC
V
External clock input (XOUT)
0
0.4
V
IOH(sum)
Peak sum output “H”
current
Sum of all pins IOH(peak)
––
−160
mA
IOH(sum)
Average sum output “H”
current
Sum of all pins IOH(avg)
––
−80
mA
IOH(peak)
Peak output “H” current
Drive capacity Low
−10
mA
Drive capacity High
−40
mA
IOH(avg)
Average output “H” current Drive capacity Low
−5mA
Drive capacity High
−20
mA
IOL(sum)
Peak sum output “L”
current
Sum of all pins IOL(peak)
––
160
mA
IOL(sum)
Average sum output “L”
current
Sum of all pins IOL(avg)
––
80
mA
IOL(peak)
Peak output “L” current
Drive capacity Low
10
mA
Drive capacity High
40
mA
IOL(avg)
Average output “L” current
Drive capacity Low
5
mA
Drive capacity High
20
mA
f(XIN)
XIN clock input oscillation frequency
2.7 V
≤ VCC ≤ 5.5 V
20
MHz
1.8 V
≤ VCC < 2.7 V
5
MHz
f(XCIN)
XCIN clock input oscillation frequency
1.8 V
≤ VCC ≤ 5.5 V
32.768
50
kHz
fOCO40M When used as the count source for timer RC (3)
2.7 V
≤ VCC ≤ 5.5 V
32
40
MHz
fOCO-F
fOCO-F frequency
2.7 V
≤ VCC ≤ 5.5 V
20
MHz
1.8 V
≤ VCC < 2.7 V
5
MHz
System clock frequency
2.7 V
≤ VCC ≤ 5.5 V
20
MHz
1.8 V
≤ VCC < 2.7 V
5
MHz
f(BCLK)
CPU clock frequency
2.7 V
≤ VCC ≤ 5.5 V
20
MHz
1.8 V
≤ VCC < 2.7 V
5
MHz


Similar Part No. - R5F21354DNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21354ADFP RENESAS-R5F21354ADFP Datasheet
8Mb / 766P
MCU M16C FAMILY / R8C/Tiny SERIES
R5F21354ADFP RENESAS-R5F21354ADFP Datasheet
483Kb / 57P
RENESAS MCU
R5F21354ANFP RENESAS-R5F21354ANFP Datasheet
8Mb / 766P
MCU M16C FAMILY / R8C/Tiny SERIES
R5F21354ANFP RENESAS-R5F21354ANFP Datasheet
483Kb / 57P
RENESAS MCU
R5F21354CDFP RENESAS-R5F21354CDFP Datasheet
545Kb / 57P
RENESAS MCU
More results

Similar Description - R5F21354DNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
RENESAS MCU
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com