Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21354DNFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F21354DNFP
Description  RENESAS MCU
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21354DNFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F21354DNFP Datasheet HTML 9Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 10Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 11Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 12Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 13Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 14Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 15Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 16Page - Renesas Technology Corp R5F21354DNFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
R8C/35D Group
3. Memory
REJ03B0286-0100 Rev.1.00
Page 13 of 43
Mar 26, 2010
3.
Memory
3.1
R8C/35D Group
Figure 3.1 is a Memory Map of R8C/35D Group. The R8C/35D Group has a 1-Mbyte address space from addresses
00000h to FFFFFh. The internal ROM (program ROM) is allocated lower addresses, beginning with address
0FFFFh. For example, a 32-Kbyte internal ROM area is allocated addresses 08000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. The starting address of each interrupt
routine is stored here.
The internal RAM is allocated higher addresses, beginning with address 00400h. For example, a 1-Kbyte internal
RAM area is allocated addresses 00400h to 007FFh. The internal RAM is used not only for data storage but also as
a stack area when a subroutine is called or when an interrupt request is acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh. Peripheral function control registers
are allocated here. All unallocated spaces within the SFRs are reserved and cannot be accessed by users.
Figure 3.1
Memory Map of R8C/35D Group
Part Number
R5F21354DNFP, R5F21354DDFP
R5F21355DNFP, R5F21355DDFP
R5F21356DNFP, R5F21356DDFP
Internal ROM
Internal RAM
Size
Address 0YYYYh
Size
Address 0XXXXh
16 Kbytes
24 Kbytes
32 Kbytes
0C000h
0A000h
08000h
1 Kbyte
1 Kbyte
1 Kbyte
007FFh
007FFh
007FFh
0FFFFh
0FFDCh
Note:
1. The blank areas are reserved and cannot be accessed by users.
FFFFFh
0FFFFh
0YYYYh
0XXXXh
00400h
002FFh
00000h
Internal ROM
(program ROM)
Internal RAM
SFR
(Refer to 4. Special
Function Registers
(SFRs))
0FFD8h
Reserved area
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer, oscillation stop detection, voltage monitor
(Reserved)
(Reserved)
Reset


Similar Part No. - R5F21354DNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21354ADFP RENESAS-R5F21354ADFP Datasheet
8Mb / 766P
MCU M16C FAMILY / R8C/Tiny SERIES
R5F21354ADFP RENESAS-R5F21354ADFP Datasheet
483Kb / 57P
RENESAS MCU
R5F21354ANFP RENESAS-R5F21354ANFP Datasheet
8Mb / 766P
MCU M16C FAMILY / R8C/Tiny SERIES
R5F21354ANFP RENESAS-R5F21354ANFP Datasheet
483Kb / 57P
RENESAS MCU
R5F21354CDFP RENESAS-R5F21354CDFP Datasheet
545Kb / 57P
RENESAS MCU
More results

Similar Description - R5F21354DNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
RENESAS MCU
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com