Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT5550 Datasheet(PDF) 4 Page - Zowie Technology Corporation

Part # MMBT5550
Description  HIGH VOLTAGE TRANSISTOR NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT5550 Datasheet(HTML) 4 Page - Zowie Technology Corporation

  MMBT5550 Datasheet HTML 1Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 2Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 3Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Zowie Technology Corporation
REV. : 0
Zowie Technology Corporation
MMBT5550
Figure 5. Temperature Coefficients
IC, COLLECTOR CURRENT ( mA )
Figure 8. Turn-On Time
VR, REVERSE VOLTAGE ( VOLTS )
Figure 7. Capacitances
VR, REVERSE VOLTAGE ( VOLTS )
Figure 9. Turn - Off Time
IC, COLLECTOR CURRENT ( mA )
TJ= 25
o
C
TJ= 25
o
C
Cibo
Cobo
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
3.0
30
0.3
TJ= -55
o
C to +135
o
C
VC for VCE(sat)
VB for VBE(sat)
Figure 6. Switching Time Test Circuit
VALUES SHOWN ARE FOR IC @ 10 mA
10.2V
Vin
Vin
10 uS
INPUT PULSE
VBB
- 8.8V
100
RB
5.1 k
0.25 uF
100
1N914
Vout
RC
VCC
30 V
3.0 k
tr, tf
10 nS
DUTY CYCLE = 1.0%
100
1.0
0.2
0.5
1.0
2.0
5.0
10
20
70
50
30
20
10
7.0
5.0
3.0
2.0
0.3
0.7
3.0
7.0
1000
0.3
1.0
10
20 30
50
0.5
0.2
10
20
30
50
100
200
300
500
2.0
100
200
3.0 5.0
IC/IB = 10
TJ= 25
o
C
IC/IB = 10
tr @ VCC = 30 V
tr @ VCC = 120 V
VCC = 120 V
td @ VEB(off) = 1.0 V
tf @ VCC = 120 V
tf @ VCC = 30 V
ts @ VCC = 120 V
5000
50
100
200
300
500
3000
2000
1000
0.3
1.0
10
20 30
50
0.5
0.2
2.0
100
200
3.0 5.0


Similar Part No. - MMBT5550

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Micro Commercial Compon...
MMBT5550 MCC-MMBT5550 Datasheet
232Kb / 2P
NPN Plastic Encapsulate Transistor
logo
Fairchild Semiconductor
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Shenzhen Luguang Electr...
MMBT5550 LUGUANG-MMBT5550 Datasheet
653Kb / 3P
NPN General Purpose Amplifier
logo
Weitron Technology
MMBT5550 WEITRON-MMBT5550 Datasheet
321Kb / 5P
High Voltage NPN Transistors
More results

Similar Description - MMBT5550

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
NPN Silicon High Voltage Transistor
logo
Zowie Technology Corpor...
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42 Datasheet
41Kb / 4P
NPN Silicon High Voltage Transistor
Jun-29-2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com