Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT5550 Datasheet(PDF) 3 Page - Zowie Technology Corporation

Part # MMBT5550
Description  HIGH VOLTAGE TRANSISTOR NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT5550 Datasheet(HTML) 3 Page - Zowie Technology Corporation

  MMBT5550 Datasheet HTML 1Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 2Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 3Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Zowie Technology Corporation
REV. : 0
Zowie Technology Corporation
MMBT5550
Figure 2. Collector Saturation Region
IB, BASE CURRENT ( mA )
IC = 1.0 mA
10 mA
30 mA
100 mA
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT ( mA )
TJ = 25
o
C
TJ = -55
o
C
TJ = +125
o
C
VCE=1.0 V
500
5.0
10
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
30
20
300
100
50
7.0
1.0
0
0.3
0.005
0.01
0.2
0.5
1.0
2.0
20
50
0.8
0.5
0.4
0.9
0.7
0.6
0.2
0.02
0.05
0.1
10
0.1
5.0
Figure 3. Collector Cut - Off Region
VBE, BASE - EMITTER VOLTAGE (VOLTS)
TJ = 125
o
C
TJ = 75
o
C
TJ = 25
o
C
REVERSE
FORWARD
10
1
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
0.2
0.4
0.3
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
VCE = 30 V
IC = ICES
Figure 4. " On " Voltages
IC, COLLECTOR CURRENT ( mA )
0.6
1.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.8
0.4
0.2
0
0.3
3.0
30
TJ= 25
o
C
VBE(SAT) @ IC/IB = 10
VCE(SAT) @ IC/IB = 10
VCE=5.0 V


Similar Part No. - MMBT5550

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Micro Commercial Compon...
MMBT5550 MCC-MMBT5550 Datasheet
232Kb / 2P
NPN Plastic Encapsulate Transistor
logo
Fairchild Semiconductor
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Shenzhen Luguang Electr...
MMBT5550 LUGUANG-MMBT5550 Datasheet
653Kb / 3P
NPN General Purpose Amplifier
logo
Weitron Technology
MMBT5550 WEITRON-MMBT5550 Datasheet
321Kb / 5P
High Voltage NPN Transistors
More results

Similar Description - MMBT5550

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
NPN Silicon High Voltage Transistor
logo
Zowie Technology Corpor...
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42 Datasheet
41Kb / 4P
NPN Silicon High Voltage Transistor
Jun-29-2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com