Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

k3565 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # k3565
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

k3565 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  k3565 Datasheet HTML 1Page - Toshiba Semiconductor k3565 Datasheet HTML 2Page - Toshiba Semiconductor k3565 Datasheet HTML 3Page - Toshiba Semiconductor k3565 Datasheet HTML 4Page - Toshiba Semiconductor k3565 Datasheet HTML 5Page - Toshiba Semiconductor k3565 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3565
2009-09-29
4
100
40
0
0
40
80
120
160
20
60
80
200
CASE TEMPERATURE Tc (°C)
RDS (ON) – Tc
DRAIN-SOURCE VOLTAGE VDS (V)
IDR – VDS
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE – VDS
CASE TEMPERATURE Tc (°C)
Vth – Tc
CASE TEMPERATURE Tc (°C)
PD – Tc
TOTAL GATE CHARGE Qg (nC)
DYNAMIC INPUT / OUTPUT
CHARACTERISTICS
0
100
200
300
400
500
0
4
8
12
16
20
0
10
20
VDD = 100 V
VDS
VGS
400
200
30
40
COMMON SOURCE
ID = 5 A
Tc
= 25°C
PULSE TEST
COMMON SOURCE
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
10
0.1
100
1000
10000
1
3
5
10
30 50
100
Ciss
Coss
Crss
COMMON SOURCE
PULSE TEST
160
−40
0
40
80
120
−80
10
8
6
4
2
0
ID = 5A
1.5
3
VGS = 10 V
COMMON SOURCE
Tc
= 25°C
PULSE TEST
0
0.1
−0.4
0.3
0.5
1
3
5
10
−0.8
−1.2
−1.6
VGS = 0, −1 V
10
3
1
COMMON SOURCE
VDS = 10 V
ID = 1 mA
PULSE TEST
0
1
2
3
5
−80
−40
0
40
80
120
160
4


Similar Part No. - k3565

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K3565 TOSHIBA-K3565 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
logo
EPCOS
K3565 EPCOS-K3565 Datasheet
105Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,90 MHz
logo
Toshiba Semiconductor
K3565 TOSHIBA-K3565 Datasheet
341Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
K3565 TOSHIBA-K3565 Datasheet
218Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type, π-MOSIV
2013-11-01
logo
EPCOS
K3565M EPCOS-K3565M Datasheet
105Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,90 MHz
More results

Similar Description - k3565

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com