Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE4041FN8 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXRE4041FN8
Description  SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXRE4041FN8 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXRE4041FN8 Datasheet HTML 1Page - Zetex Semiconductors ZXRE4041FN8 Datasheet HTML 2Page - Zetex Semiconductors ZXRE4041FN8 Datasheet HTML 3Page - Zetex Semiconductors ZXRE4041FN8 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Reverse Current
30mA
Forward Current
10mA
Operating temperature.
-40 to 85°C
Storage temperature.
-55 to 125°C
Power Dissipation (Tamb=25°C)
SOT23
330mW
SO8
625mW
E-Line
500mW
2
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated) Tamb=25°C
SYMBOL
PARAMETER
CONDITIONS
LIMITS
GRADE
UNITS
MIN
TYP
MAX
V
R
Reverse Breakdown Voltage
I
R=100A
1.214
1.208
1.196
1.183
1.225
1.225
1.225
1.225
1.226
1.232
1.244
1.257
C ‡
D
E
F
V
I
MIN
Minimum Knee Current
30
A
I
R
Recommended Operating
Current Range
0.03
12
mA
T
C
Average Reverse Breakdown
Voltage Temperature
Coefficient
I
R(min) to IR(max)
20
75
ppm/°C
V
R
I
R
Reverse Breakdown Voltage
change with Current
I
R=30A to 1mA
I
R=1mA to 12mA
1
10
mV
mV
Z
R
Reverse Dynamic Impedance
I
R =1mA
f =100Hz
I
AC=0.1 IR
0.2
0.6

E
N
Wideband Noise Voltage
I
R=8A to 100A
f=10Hz to 10kHz
60
V(rms)

T
C 
V
R
max VR
 min  x 1000000
V
R x T
max Tmin 
Not e: V
R(max) - V R(min) is t he maximum
deviat ion in reference volt age
measured over t he full operat ing
t emperat ure range.
‡ Not e: C grade SOT23 only.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Reverse Voltage (V)
Reverse Characteristics
0
1
2
3
4
5
TA=-40c TO +85C
ZXRE4041
ISSUE 2 - JULY 1999


Similar Part No. - ZXRE4041FN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041CF DIODES-ZXRE4041CF Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DF DIODES-ZXRE4041DF Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
More results

Similar Description - ZXRE4041FN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
STMicroelectronics
TS821 STMICROELECTRONICS-TS821 Datasheet
60Kb / 7P
   1.225V MICROPOWER VOLTAGE REFERENCE
TS821 STMICROELECTRONICS-TS821_07 Datasheet
125Kb / 9P
   1.225V micropower shunt voltage reference
TS4041 STMICROELECTRONICS-TS4041_07 Datasheet
125Kb / 9P
   1.225V micropower shunt voltage reference
TS4041 STMICROELECTRONICS-TS4041 Datasheet
218Kb / 9P
   1.225V MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
   1.225V Precision micropower shunt voltage reference
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE1004 ZETEX-ZXRE1004 Datasheet
62Kb / 4P
   SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com