Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE4041EN8 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXRE4041EN8
Description  SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXRE4041EN8 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXRE4041EN8 Datasheet HTML 1Page - Zetex Semiconductors ZXRE4041EN8 Datasheet HTML 2Page - Zetex Semiconductors ZXRE4041EN8 Datasheet HTML 3Page - Zetex Semiconductors ZXRE4041EN8 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
 High performance alternative to LM4041
 Small outline SOT23
 SO8 and E-Line alternatives available
 30A knee current
 20ppm/°C typical temperature coefficient
 Unconditionally stable
 0.5%, 1%, 2% and 3% tolerance
 Contact Zetex marketing for availability of tighter
tolerance devices
APPLICATIONS
 Battery powered equipment
 Precision power supplies
 Portable instrumentation
 Portable communications devices
 Notebook and palmtop computers
 Data acquisition systems
 A/D and D/A converters
 Test equipment
DESCRIPTION
The ZXRE4041 is a bandgap circuit designed to
achieve a precision micropower voltage reference of
1.225 volts. The device is available in the small outline
SOT23 surface mount package which is ideal for
applications where space saving is important.
SOT23 tolerance is available to 0.5% C grade for
precision applications. Excellent performance is
maintained over the 30
A to 12mA operating current
range with a typical temperature coefficient of only
20ppm/°C. The device has been designed to be highly
tolerant of capacitive loads so maintaining excellent
stability.
This device offers a SOT23 pin for pin compatible
alternative to LM4041 voltage references. SO8 and
E-Line (TO92 style) packages can also be made
available.
VR
Gnd
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
1
SCHEMATIC DIAGRAM
APPLICATIONS CIRCUIT
Low quiescent reference from a 1.5V battery source.
ZXRE4041
ISSUE 2 - JULY 1999


Similar Part No. - ZXRE4041EN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041CF DIODES-ZXRE4041CF Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DF DIODES-ZXRE4041DF Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
More results

Similar Description - ZXRE4041EN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
STMicroelectronics
TS821 STMICROELECTRONICS-TS821 Datasheet
60Kb / 7P
1.225V MICROPOWER VOLTAGE REFERENCE
TS821 STMICROELECTRONICS-TS821_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
TS4041 STMICROELECTRONICS-TS4041_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
TS4041 STMICROELECTRONICS-TS4041 Datasheet
218Kb / 9P
1.225V MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE1004 ZETEX-ZXRE1004 Datasheet
62Kb / 4P
SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com