Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE4041DF Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXRE4041DF
Description  SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXRE4041DF Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXRE4041DF Datasheet HTML 1Page - Zetex Semiconductors ZXRE4041DF Datasheet HTML 2Page - Zetex Semiconductors ZXRE4041DF Datasheet HTML 3Page - Zetex Semiconductors ZXRE4041DF Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
Zetex plc 1999
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any
purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the
right to alter without notice the specification, design, price or conditions of supply of any product or service.
Ordering Information
Device
TOL%
Grade
Package
Partmarking
ZXRE4041CF
0.5
C
SOT23
10J
ZXRE4041DF
1
D
SOT23
10H
ZXRE4041EF
2
E
SOT23
10G
ZXRE4041FF
3
F
SOT23
10F
ZXRE4041DN8
1
D
SO8
ZXRE4041D
ZXRE4041EN8
2
E
SO8
ZXRE4041E
ZXRE4041FN8
3
F
SO8
ZXRE4041F
ZXRE4041DR
1
D
E-Line
ZXRE4041D
ZXRE4041ER
2
E
E-Line
ZXRE4041E
ZXRE4041FR
3
F
E-Line
ZXRE4041F
†Contact Zetex marketing for availability of these package options
NOTE:
for tape and reel options add suffix TA to the part number
eg ZXRE4041DFTA
SO8
Package Suffix – N8
Top View
SOT23
Package Suffix – F
Top View –
Pin 1 floating or
connected to pin 2
E-Line, 3 pin,Rev
Package Suffix – R
Bottom View –
Pin 3 floating or
connected to pin 1
Connection Diagrams
ZXRE4041
ISSUE 2 - JULY 1999


Similar Part No. - ZXRE4041DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE4041DF DIODES-ZXRE4041DF Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
More results

Similar Description - ZXRE4041DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
STMicroelectronics
TS821 STMICROELECTRONICS-TS821 Datasheet
60Kb / 7P
1.225V MICROPOWER VOLTAGE REFERENCE
TS821 STMICROELECTRONICS-TS821_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
TS4041 STMICROELECTRONICS-TS4041_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
TS4041 STMICROELECTRONICS-TS4041 Datasheet
218Kb / 9P
1.225V MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE1004 ZETEX-ZXRE1004 Datasheet
62Kb / 4P
SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com