Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4B2G0446C Datasheet(PDF) 20 Page - Samsung semiconductor

Part # K4B2G0446C
Description  DDR3 SDRAM Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4B2G0446C Datasheet(HTML) 20 Page - Samsung semiconductor

Back Button K4B2G0446C Datasheet HTML 15Page - Samsung semiconductor K4B2G0446C Datasheet HTML 16Page - Samsung semiconductor K4B2G0446C Datasheet HTML 17Page - Samsung semiconductor K4B2G0446C Datasheet HTML 18Page - Samsung semiconductor K4B2G0446C Datasheet HTML 19Page - Samsung semiconductor K4B2G0446C Datasheet HTML 20Page - Samsung semiconductor K4B2G0446C Datasheet HTML 21Page - Samsung semiconductor K4B2G0446C Datasheet HTML 22Page - Samsung semiconductor K4B2G0446C Datasheet HTML 23Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
- 20 -
Product Guide
DDR3 SDRAM Memory
May. 2010
39.3 ± 0.2
D
E (Clip open size)
K
text mark ’B’ or ’K’
punch press_stamp
B
A
39.3 ± 0.2
29.77
0.1 ~ 0.3
Upper Bending
Tilting Gap
0.5
3. CLIP PART
C
132.95 ± 133.45
4. DDR3 RDIMM ASS’Y View
Reference thickness total (Maximum) : Mono Package : 7.55mm, DDP Package 7.71mm (With Clip thickness)


Similar Part No. - K4B2G0446C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B2G0446C SAMSUNG-K4B2G0446C Datasheet
1Mb / 32P
   DDR3 SDRAM Memory
Dec. 2012
More results

Similar Description - K4B2G0446C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com