Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4B2G0446C Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4B2G0446C
Description  DDR3 SDRAM Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4B2G0446C Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4B2G0446C Datasheet HTML 3Page - Samsung semiconductor K4B2G0446C Datasheet HTML 4Page - Samsung semiconductor K4B2G0446C Datasheet HTML 5Page - Samsung semiconductor K4B2G0446C Datasheet HTML 6Page - Samsung semiconductor K4B2G0446C Datasheet HTML 7Page - Samsung semiconductor K4B2G0446C Datasheet HTML 8Page - Samsung semiconductor K4B2G0446C Datasheet HTML 9Page - Samsung semiconductor K4B2G0446C Datasheet HTML 10Page - Samsung semiconductor K4B2G0446C Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
- 7 -
Product Guide
DDR3 SDRAM Memory
May. 2010
4.5 240Pin DDR3 Registered DIMM (1.5V Product)
240Pin DDR3 Registered DIMM
Org.
Density
Part Number
Speed
Raw Card
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
NOTE
128Mx 72
1GB
M393B2873EH1
CF8/H9
A(1Rx8)
128M x 8 * 9 pcs
1Gb
E-die
81
78 ball
FBGA
30mm
Now
M393B2873FH0
CF8/H9
128M x 8 * 9 pcs
1Gb
F-die
256Mx 72
2GB
M393B5673EH1
CF8/H9
B(2Rx8)
128M x 8 * 18 pcs
1Gb
E-die
8
2
78 ball
FBGA
30mm
Now
M393B5673FH0
CF8/H9
128M x 8 * 18 pcs
1Gb
F-die
M393B5670EH1
CF8/H9
C(1Rx4)
256M x 4 * 18 pcs
1Gb
E-die
1
M393B5670FH0
CF8/H9
256M x 4 * 18 pcs
1Gb
F-die
M393B5773CH0
CF8/H9
A(1Rx8)
256M x 8 * 9 pcs
2Gb
C-die
512Mx 72
4GB
M393B5173EH1
CF8
H(4Rx8
128M x 8 * 36 pcs
1Gb
E-die
8
4
78 ball
FBGA
30mm
Now
M393B5173FH0
CF8/H9
128M x 8 * 36 pcs
1Gb
F-die
M393B5170EH1
CF8/H9
E(2Rx4)
256M x 4 * 36 pcs
1Gb
E-die
2
M393B5170FH0
CF8/H9
256M x 4 * 36 pcs
1Gb
F-die
M393B5273BH1
CF8/H9
B(2Rx8)
256M x 8 * 18 pcs
2Gb
B-die
2
M393B5273CH0
CF8/H9
256M x 8 * 18 pcs
2Gb
C-die
M393B5270BH1
CF8/H9
C(1Rx4)
512M x 4 * 18 pcs
2Gb
B-die
1
M393B5270CH0
CF8/H9
512M x 4 * 18 pcs
2Gb
C-die
1Gx 72
8GB
M393B1G70EM1
CF8
F(4Rx4)
DDP
512M
x 4 * 36 pcs
1Gb
E-die
8
4
78 ball
FBGA
30mm
Now
M393B1K73BH1
CF8
H(4Rx8)
256M x 8 * 36 pcs
2Gb
B-die
4
M393B1K73CH0
CF8/H9
256M x 8 * 36 pcs
2Gb
C-die
M393B1K70BH1
CF8/H9
E(2Rx4)
512M x 4 * 36 pcs
2Gb
B-die
2
M393B1K70CH0
CF8/H9
512M x 4 * 36 pcs
2Gb
C-die
2Gx 72
16GB
M393B2K70BM1
CF8
F(4Rx4)
DDP
1G
x 4 * 36 pcs
2Gb
B-die
8
4
78 ball
FBGA
30mm
Now
M393B2K70CM0
CF8/H9
DDP
1G
x 4 * 36 pcs
2Gb
C-die
M393B2G70AH0
CF8/H9
E(2Rx4)
1G x 4 * 36 pcs
4Gb
A-die
2
M393B2G73AH0
CF8/H9
H(4Rx8)
512M x 8 * 36 pcs
4Gb
A-die
4
4Gx 72
32GB
M393B4G70AH0
CF8/H9
AB(4Rx4)
DDP
2G
x 4 * 36 pcs
4Gb
A-die
8
4
78 ball
FBGA
30mm
Now


Similar Part No. - K4B2G0446C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B2G0446C SAMSUNG-K4B2G0446C Datasheet
1Mb / 32P
   DDR3 SDRAM Memory
Dec. 2012
More results

Similar Description - K4B2G0446C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com