Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16IS752 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC16IS752
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC16IS752 Datasheet HTML 12Page - NXP Semiconductors SC16IS752 Datasheet HTML 13Page - NXP Semiconductors SC16IS752 Datasheet HTML 14Page - NXP Semiconductors SC16IS752 Datasheet HTML 15Page - NXP Semiconductors SC16IS752 Datasheet HTML 16Page - NXP Semiconductors SC16IS752 Datasheet HTML 17Page - NXP Semiconductors SC16IS752 Datasheet HTML 18Page - NXP Semiconductors SC16IS752 Datasheet HTML 19Page - NXP Semiconductors SC16IS752 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
16 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
7.6 Sleep mode
Sleep mode is an enhanced feature of the SC16IS752/SC16IS762 UART. It is enabled
when EFR[4], the enhanced functions bit, is set and when IER[4] is set. Sleep mode is
entered when:
The serial data input line, RX, is idle (see Section 7.7 “Break and time-out
conditions”).
The TX FIFO and TX shift register are empty.
There are no interrupts pending except THR.
Remark: Sleep mode will not be entered if there is data in the RX FIFO.
In Sleep mode, the clock to the UART is stopped. Since most registers are clocked using
these clocks, the power consumption is greatly reduced. The UART will wake up when any
change is detected on the RX line, when there is any change in the state of the modem
input pins, or if data is written to the TX FIFO.
Remark: Writing to the divisor latches DLL and DLH to set the baud clock must not be
done during Sleep mode. Therefore, it is advisable to disable Sleep mode using IER[4]
before writing to DLL or DLH.
7.7 Break and time-out conditions
When the UART receives a number of characters and these data are not enough to set off
the receive interrupt (because they do not reach the receive trigger level), the UART will
generate a time-out interrupt instead, 4 character times after the last character is
received. The time-out counter will be reset at the center of each stop bit received or each
time the receive FIFO is read.
A break condition is detected when the RX pin is pulled LOW for a duration longer than
the time it takes to send a complete character plus start, stop and parity bits. A break
condition can be sent by setting LCR[6], when this happens the TX pin will be pulled LOW
until LSR[6] is cleared by the software.
7.8 Programmable baud rate generator
The SC16IS752/SC16IS762 UART contains a programmable baud rate generator that
takes any clock input and divides it by a divisor in the range between 1 and (216
− 1). An
additional divide-by-4 prescaler is also available and can be selected by MCR[7], as
shown in Figure 10. The output frequency of the baud rate generator is 16
× the baud rate.
The formula for the divisor is:
(1)
where:
prescaler = 1, when MCR[7] is set to logic 0 after reset (divide-by-1 clock selected)
prescaler = 4, when MCR[7] is set to logic 1 after reset (divide-by-4 clock selected).
Remark: The default value of prescaler after reset is divide-by-1.
divisor
XTAL1 crystal input frequency
prescaler
-------------------------------------------------------------------------------------


desired baud rate
16
×
------------------------------------------------------------------------------------------
=


Similar Part No. - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS752 NXP-SC16IS752 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SC16IS752 NXP-SC16IS752 Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
More results

Similar Description - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
   I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com