Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16IS752 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC16IS752
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC16IS752 Datasheet HTML 10Page - NXP Semiconductors SC16IS752 Datasheet HTML 11Page - NXP Semiconductors SC16IS752 Datasheet HTML 12Page - NXP Semiconductors SC16IS752 Datasheet HTML 13Page - NXP Semiconductors SC16IS752 Datasheet HTML 14Page - NXP Semiconductors SC16IS752 Datasheet HTML 15Page - NXP Semiconductors SC16IS752 Datasheet HTML 16Page - NXP Semiconductors SC16IS752 Datasheet HTML 17Page - NXP Semiconductors SC16IS752 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
14 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
7.5 Interrupts
The SC16IS752/SC16IS762 has interrupt generation and prioritization (seven prioritized
levels of interrupts) capability. The interrupt enable registers (IER and IOIntEna) enable
each of the seven types of interrupts and the IRQ signal in response to an interrupt
generation. When an interrupt is generated, the IIR indicates that an interrupt is pending
and provides the type of interrupt through IIR[5:0]. Table 6 summarizes the interrupt
control functions.
It is important to note that for the framing error, parity error, and break conditions, Line
Status Register bit 7 (LSR[7]) generates the interrupt. LSR[7] is set when there is an error
anywhere in the RX FIFO, and is cleared only when there are no more errors remaining in
the FIFO. LSR[4:2] always represent the error status for the received character at the top
of the RX FIFO. Reading the RX FIFO updates LSR[4:2] to the appropriate status for the
new character at the top of the FIFO. If the RX FIFO is empty, then LSR[4:2] are all zeros.
For the Xoff interrupt, if an Xoff flow character detection caused the interrupt, the interrupt
is cleared by an Xon flow character detection. If a special character detection caused the
interrupt, the interrupt is cleared by a read of the IIR.
Table 6.
Summary of interrupt control functions
IIR[5:0]
Priority
level
Interrupt type
Interrupt source
00 0001
none
none
none
00 0110
1
receiver line status
Overrun Error (OE), Framing Error (FE), Parity Error
(PE), or Break Interrupt (BI) errors occur in
characters in the RX FIFO
00 1100
2
RX time-out
stale data in RX FIFO
00 0100
2
RHR interrupt
receive data ready (FIFO disable) or
RX FIFO above trigger level (FIFO enable)
00 0010
3
THR interrupt
transmit FIFO empty (FIFO disable) or
TX FIFO passes above trigger level (FIFO enable)
00 0000
4
modem status
change of state of modem input pins
00 1110
5
I/O pins
input pins change of state
01 0000
6
Xoff interrupt
receive Xoff character(s)/special character
10 0000
7
CTS, RTS
RTS pin or CTS pin change state from active (LOW)
to inactive (HIGH)


Similar Part No. - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS752 NXP-SC16IS752 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SC16IS752 NXP-SC16IS752 Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
More results

Similar Description - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
   I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com