Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16IS752 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC16IS752
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC16IS752 Datasheet HTML 7Page - NXP Semiconductors SC16IS752 Datasheet HTML 8Page - NXP Semiconductors SC16IS752 Datasheet HTML 9Page - NXP Semiconductors SC16IS752 Datasheet HTML 10Page - NXP Semiconductors SC16IS752 Datasheet HTML 11Page - NXP Semiconductors SC16IS752 Datasheet HTML 12Page - NXP Semiconductors SC16IS752 Datasheet HTML 13Page - NXP Semiconductors SC16IS752 Datasheet HTML 14Page - NXP Semiconductors SC16IS752 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
11 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
There are two other enhanced features relating to software flow control:
Xon Any function (MCR[5]): Receiving any character will resume operation after
recognizing the Xoff character. It is possible that an Xon1 character is recognized as
an Xon Any character, which could cause an Xon2 character to be written to the
RX FIFO.
Special character (EFR[5]): Incoming data is compared to Xoff2. Detection of the
special character sets the Xoff interrupt (IIR[4]) but does not halt transmission. The
Xoff interrupt is cleared by a read of the Interrupt Identification Register (IIR). The
special character is transferred to the RX FIFO.
7.3.1 Receive flow control
When software flow control operation is enabled, the SC16IS752/SC16IS762 will
compare incoming data with Xoff1/Xoff2 programmed characters (in certain cases, Xoff1
and Xoff2 must be received sequentially). When the correct Xoff characters are received,
transmission is halted after completing transmission of the current character. Xoff
detection also sets IIR[4] (if enabled via IER[5]) and causes IRQ to go LOW.
To resume transmission, an Xon1/Xon2 character must be received (in certain cases
Xon1 and Xon2 must be received sequentially). When the correct Xon characters are
received, IIR[4] is cleared, and the Xoff interrupt disappears.
7.3.2 Transmit flow control
Xoff1/Xoff2 character is transmitted when the RX FIFO has passed the halt trigger level
programmed in TCR[3:0], or the selectable trigger level in FCR[7:6].
Xon1/Xon2 character is transmitted when the RX FIFO reaches the resume trigger level
programmed in TCR[7:4], or falls below the lower selectable trigger level in FCR[7:6].
The transmission of Xoff/Xon(s) follows the exact same protocol as transmission of an
ordinary character from the FIFO. This means that even if the word length is set to be 5, 6,
or 7 bits, then the 5, 6, or 7 least significant bits of Xoff1/Xoff2, Xon1/Xon2 will be
transmitted. (Note that the transmission of 5, 6, or 7 bits of a character is seldom done, but
this functionality is included to maintain compatibility with earlier designs.)
It is assumed that software flow control and hardware flow control will never be enabled
simultaneously. Figure 7 shows an example of software flow control.


Similar Part No. - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS752 NXP-SC16IS752 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SC16IS752 NXP-SC16IS752 Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
More results

Similar Description - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
   I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com