Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16IS752 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC16IS752
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC16IS752 Datasheet HTML 6Page - NXP Semiconductors SC16IS752 Datasheet HTML 7Page - NXP Semiconductors SC16IS752 Datasheet HTML 8Page - NXP Semiconductors SC16IS752 Datasheet HTML 9Page - NXP Semiconductors SC16IS752 Datasheet HTML 10Page - NXP Semiconductors SC16IS752 Datasheet HTML 11Page - NXP Semiconductors SC16IS752 Datasheet HTML 12Page - NXP Semiconductors SC16IS752 Datasheet HTML 13Page - NXP Semiconductors SC16IS752 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
10 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
7.2.2 Auto-CTS
Figure 6 shows CTS functional timing. The transmitter circuitry checks CTS before
sending the next data character. When CTS is active, the transmitter sends the next
character. To stop the transmitter from sending the following character, CTS must be
deasserted before the middle of the last stop bit that is currently being sent. The
Auto-CTS function reduces interrupts to the host system. When flow control is enabled,
CTS level changes do not trigger host interrupts because the device automatically
controls its own transmitter. Without Auto-CTS, the transmitter sends any data present in
the transmit FIFO and a receiver overrun error may result.
7.3 Software flow control
Software flow control is enabled through the Enhanced Features Register and the Modem
Control Register. Different combinations of software flow control can be enabled by setting
different combinations of EFR[3:0]. Table 3 shows software flow control options.
(1) When CTS is LOW, the transmitter keeps sending serial data out.
(2) When CTS goes HIGH before the middle of the last stop bit of the current character, the transmitter finishes sending the current
character, but it does not send the next character.
(3) When CTS goes from HIGH to LOW, the transmitter begins sending data again.
Fig 6.
CTS functional timing
start
bit 0 to bit 7
stop
TX
CTS
002aab041
start
stop
bit 0 to bit 7
Table 3.
Software flow control options (EFR[3:0])
EFR[3]
EFR[2]
EFR[1]
EFR[0]
TX, RX software flow control
0
0
X
X
no transmit flow control
1
0
X
X
transmit Xon1, Xoff1
0
1
X
X
transmit Xon2, Xoff2
1
1
X
X
transmit Xon1 and Xon2, Xoff1 and Xoff2
X
X
0
0
no receive flow control
X
X
1
0
receiver compares Xon1, Xoff1
X
X
0
1
receiver compares Xon2, Xoff2
1011transmit Xon1, Xoff1
receiver compares Xon1 or Xon2, Xoff1 or Xoff2
0111transmit Xon2, Xoff2
receiver compares Xon1 or Xon2, Xoff1 or Xoff2
1111transmit Xon1 and Xon2, Xoff1 and Xoff2
receiver compares Xon1 and Xon2, Xoff1 and Xoff2
0011no transmit flow control
receiver compares Xon1 and Xon2, Xoff1 and Xoff2


Similar Part No. - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS752 NXP-SC16IS752 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
SC16IS752 NXP-SC16IS752 Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
More results

Similar Description - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
NXP Semiconductors
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com