Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16IS752 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC16IS752
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752 Datasheet(HTML) 1 Page - NXP Semiconductors

  SC16IS752 Datasheet HTML 1Page - NXP Semiconductors SC16IS752 Datasheet HTML 2Page - NXP Semiconductors SC16IS752 Datasheet HTML 3Page - NXP Semiconductors SC16IS752 Datasheet HTML 4Page - NXP Semiconductors SC16IS752 Datasheet HTML 5Page - NXP Semiconductors SC16IS752 Datasheet HTML 6Page - NXP Semiconductors SC16IS752 Datasheet HTML 7Page - NXP Semiconductors SC16IS752 Datasheet HTML 8Page - NXP Semiconductors SC16IS752 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
1.
General description
The SC16IS752/SC16IS762 is an I2C-bus/SPI bus interface to a dual-channel high
performance UART offering data rates up to 5 Mbit/s, low operating and sleeping current;
it also provides the application with 8 additional programmable I/O pins. The device comes
in very small HVQFN32 and TSSOP28 packages, which makes it ideally suitable for
hand-held, battery-operated applications. This chip enables seamless protocol conversion
from I2C-bus/SPI to RS-232/RS-485 and is fully bidirectional.
The SC16IS762 differs from the SC16IS752 in that it supports SPI clock speeds up to
15 Mbit/s instead of the 4 Mbit/s supported by the SC16IS752, and in that it supports IrDA
SIR up to 1.152 Mbit/s. In all other aspects, the SC16IS762 is functionally and electrically
the same as the SC16IS752.
The SC16IS752/SC16IS762’s internal register set is backward compatible with the widely
used and widely popular 16C450. This allows the software to be easily written or ported
from another platform.
The SC16IS752/SC16IS762 also provides additional advanced features such as auto
hardware and software flow control, automatic RS-485 support and software reset. This
allows the software to reset the UART at any moment, independent of the hardware reset
signal.
2.
Features
2.1 General features
I Dual full-duplex UART
I I2C-bus or SPI interface selectable
I 3.3 V or 2.5 V operation
I Industrial temperature range: −40 °C to +95 °C
I 64 bytes FIFO (transmitter and receiver)
I Fully compatible with industrial standard 16C450 and equivalent
I Baud rates up to 5 Mbit/s in 16× clock mode
I Auto hardware flow control using RTS/CTS
I Auto software flow control with programmable Xon/Xoff characters
I Single or double Xon/Xoff characters
I Automatic RS-485 support (automatic slave address detection)
I Up to eight programmable I/O pins
I RS-485 driver direction control via RTS signal
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit
and receive FIFOs, IrDA SIR built-in support
Rev. 07 — 19 May 2008
Product data sheet


Similar Part No. - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS752 NXP-SC16IS752 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
SC16IS752 NXP-SC16IS752 Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
More results

Similar Description - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com