Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16IS752 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC16IS752
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC16IS752 Datasheet HTML 2Page - NXP Semiconductors SC16IS752 Datasheet HTML 3Page - NXP Semiconductors SC16IS752 Datasheet HTML 4Page - NXP Semiconductors SC16IS752 Datasheet HTML 5Page - NXP Semiconductors SC16IS752 Datasheet HTML 6Page - NXP Semiconductors SC16IS752 Datasheet HTML 7Page - NXP Semiconductors SC16IS752 Datasheet HTML 8Page - NXP Semiconductors SC16IS752 Datasheet HTML 9Page - NXP Semiconductors SC16IS752 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
6 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
6.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type
Description
TSSOP28
HVQFN32
CS/A0
10
7
I
SPI chip select or I2C-bus device address select A0. If SPI configuration
is selected by I2C/SPI pin, this pin is the SPI chip select pin
(Schmitt-trigger active LOW). If I2C-bus configuration is selected by
I2C/SPI pin, this pin along with A1 pin allows user to change the device’s
base address.
To select the device address, please refer to Table 32.
CTSA
2
31
I
UART clear to send (active LOW), channel A. A logic 0 (LOW) on the
CTSA pin indicates the modem or data set is ready to accept transmit
data from the SC16IS752/SC16IS762. Status can be tested by reading
MSR[4]. This pin only affects the transmit and receive operations when
Auto-CTS function is enabled via the Enhanced Features Register
EFR[7] for hardware flow control operation.
CTSB
16
15
I
UART clear to send (active LOW), channel B. A logic 0 on the CTSB pin
indicates the modem or data set is ready to accept transmit data from the
SC16IS752/SC16IS762. Status can be tested by reading MSR[4]. This
pin only affects the transmit and receive operations when Auto-CTS
function is enabled via the Enhanced Features Register EFR[7] for
hardware flow control operation.
I2C/SPI
9
6
I
I2C-bus or SPI interface select. I2C-bus interface is selected if this pin is
at logic HIGH. SPI interface is selected if this pin is at logic LOW.
IRQ
15
14
O
Interrupt (open-drain, active LOW). Interrupt is enabled when interrupt
sources are enabled in the Interrupt Enable Register (IER). Interrupt
conditions include: change of state of the input pins, receiver errors,
available receiver buffer data, available transmit buffer space, or when a
modem status flag is detected. An external resistor (1 k
Ω for 3.3 V,
1.5 k
Ω for 2.5 V) must be connected between this pin and V
DD.
SI/A1
11
8
I
SPI data input pin or I2C-bus device address select A1. If SPI
configuration is selected by I2C/SPI pin, this is the SPI data input pin. If
I2C-bus configuration is selected by I2C/SPI pin, this pin along with the
A0 pin allows user to change the slave base address. To select the
device address, please refer to Table 32.
SO
12
9
O
SPI data output pin. If SPI configuration is selected by I2C/SPI pin, this is
a 3-stateable output pin. If I2C-bus configuration is selected by the
I2C/SPI pin, this pin is undefined and must be left as not connected.
SCL/SCLK
13
10
I
I2C-bus or SPI input clock.
SDA
14
11
I/O
I2C-bus data input/output, open-drain if I2C-bus configuration is selected
by I2C/SPI pin. If SPI configuration is selected, this is not used and must
be connected to VSS.
GPIO0/DSRB
18
17
I/O
Programmable I/O pin or modem DSRB[1]
GPIO1/DTRB
19
18
I/O
Programmable I/O pin or modem DTRB[1]
GPIO2/CDB
20
19
I/O
Programmable I/O pin or modem CDB[1]
GPIO3/RIB
21
20
I/O
Programmable I/O pin or modem RIB[1]
GPIO4/DSRA
25
24
I/O
Programmable I/O pin or modem DSRA[2]
GPIO5/DTRA
26
25
I/O
Programmable I/O pin or modem DTRA[2]
GPIO6/CDA
27
26
I/O
Programmable I/O pin or modem CDA[2]
GPIO7/RIA
28
27
I/O
Programmable I/O pin or modem RIA[2]


Similar Part No. - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS752 NXP-SC16IS752 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
SC16IS752 NXP-SC16IS752 Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
More results

Similar Description - SC16IS752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com