Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW7270 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CW7270
Description  CircuitWorks Silicone Free Heat Sink Grease
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CW7270 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CW7270 Datasheet HTML 1Page - List of Unclassifed Manufacturers CW7270 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ITW CHEMTRONICS
®
Technical Data Sheet
CircuitWorks
®
Silicone Free Heat Sink Grease
PRODUCT DESCRIPTION
CircuitWorks
®
Silicone Free Heat Sink
Grease facilitates heat transfer away from
electrical/electronic components and into
heat sinks.
This silicone-free compound
shows no creep or migration over a wide
temperature
range.
Thickened
with
a
proprietary thermally conductive zinc oxide
ceramic, the CircuitWorks
®
Silicone Free
Heat Sink Grease creates an effective heat
sink
interface
in
electrical/electronic
equipment.
Exceeds MIL-C-47113 for thermal
conductivity
Noncorrosive
High dielectric strength
Low migration
Stable from -15
°C to 200°C
Nonflammable
TYPICAL APPLICATIONS
CircuitWorks
®
Silicone Free Heat Sink
Grease may be used for electronics
applications including:
Effective Thermal Coupler for any
Heat Sink Device
Nonflammable Protective Coating
High Voltage Corona Protection
Excellent for Improving Readings on
Contact Type Thermocouples
Ideal
for
Silicone
Sensitive
Environments
CW7270
TYPICAL PRODUCT DATA AND
PHYSICAL PROPERTIES
Color
White
Specific Gravity @ 25
°C (77°F)
2.4
Usable Temperature
Range
5
°F (-15°C) to
392
°F (200°C)
Dielectric Strength, volts/mil
500
Dielectric Constant @ 100 Hz
4.4
Dissipation Factor @ 100 Hz
0.005
Volume Resistivity, ohm-cm
1 x 10
14
Arc Resistance, seconds
120
Thermal Conductivity,
Cal-cm/sec-cm
2 -
°C
1.7 x 10
-3
BTU-in/hr-ft
2 -
°F
4.92
W/m
°K
0.71
Shelflife
5 years
RoHS Compliant
COMPATIBILITY
CircuitWorks
®
Silicone Free Heat Sink
Grease is generally compatible with most
materials used in printed circuit board
fabrication.


Similar Part No. - CW7270

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
CW7270 DIALOG-CW7270 Datasheet
488Kb / 7P
Evaluation Board for 15W Single-Output Switch-Mode Power Supply
More results

Similar Description - CW7270

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
TG-S606A-ULR TGLOBAL-TG-S606A-ULR Datasheet
597Kb / 1P
Non-Silicone Thermal Grease
TG-N909 TGLOBAL-TG-N909 Datasheet
390Kb / 1P
Non-silicone Thermal Grease
20230721
logo
NTE Electronics
NTE303A NTE-NTE303A Datasheet
45Kb / 5P
Silicone Heat Sink Compound
logo
T-Global Technology
TG-937 TGLOBAL-TG-937 Datasheet
569Kb / 1P
TG 937 Silicone Thermal Grease
logo
NTE Electronics
NTE424 NTE-NTE424 Datasheet
45Kb / 5P
Non-Silicone Heat Sink Compound
logo
List of Unclassifed Man...
GP-2202SF ETC2-GP-2202SF Datasheet
426Kb / 2P
Silicone-free formulation
logo
T-Global Technology
TG-AS808 TGLOBAL-TG-AS808 Datasheet
396Kb / 1P
Thermal Grease
20230721
logo
NTE Electronics
NTE303 NTE-NTE303 Datasheet
93Kb / 3P
Thermal Grease
logo
List of Unclassifed Man...
CW2200 ETC-CW2200 Datasheet
46Kb / 2P
CircuitWorks Conductive Pen
REV. H (01/17)
logo
Laird Tech Smart Techno...
TGREASE2500 LSTD-TGREASE2500 Datasheet
721Kb / 2P
Thermal Grease
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com