Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML483-PCB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # ML483-PCB
Description  0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

ML483-PCB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  ML483-PCB Datasheet HTML 1Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 2Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 3Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 4Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 5Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 6Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 7Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ML483
0.7 – 1.0 GHz High IP3 Mixer with Integrated LO Amp
Data Sheet: Rev C 03/23/10
- 2 of 8 -
Disclaimer: Subject to change without noticee
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-65 to 150
oC
Thermal Resistance (jnc. to case) θjc
81
oC/W
Vcc
+7 V
LO Power
+10 dBm
RF Input Power, CW, 50 ,T = 25ºC
+27 dBm
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Vcc
4.75
5
5.25
V
Icc
50
mA
Case Temperature
-40
85
oC
Max TJ (for 10
6 hours MTTF)
150
oC
RF Input Power
+10
dBm
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25 °C, 0 dBm LO drive, IF = 140 MHz , Vcc = +5V in a downconverting configuration with a high-side LO
Parameter
Units
Min
Typ
Max
Min
Typ
Max
RF Frequency Range
MHz
700-800
800-1000
LO Frequency Range
MHz
770-1040
870-1240
IF Frequency Range
MHz
70-240
70-240
SSB Conversion Loss [2]
dB
9.2
8.6
10.5
Input IP3 [1] [2]
dBm
+37
+30
+36
LO leakage at RF port
dBm
-17
-18
LO leakage at IF port
dBm
-11
-15
RF – IF Isolation
dB
12.5
16
Return Loss: RF Port
dB
13
16
Return Loss: IF Port
dB
11
12
Return Loss: LO Port
dB
11
14
Input P1dB
dBm
+24
+23.5
LO Drive Level
dBm
-4
0
+4
-4
0
+4
Operating Supply Voltage
V
+5
+5
Operating Current
mA
50
50
Notes:
1. IIP3 is measured with ∆f = 1 MHz with RFin = 0 dBm / tone.
2. Min/Max conditions tested with LO=1041 MHz, RF=901 MHz, IF=140 MHz


Similar Part No. - ML483-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483-PCB TRIQUINT-ML483-PCB Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
More results

Similar Description - ML483-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483_15 Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
logo
WJ Communication. Inc.
ML501 WJCI-ML501 Datasheet
310Kb / 4P
   1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
ML485 WJCI-ML485 Datasheet
284Kb / 4P
   1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
logo
TriQuint Semiconductor
ML485 TRIQUINT-ML485 Datasheet
299Kb / 4P
   1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G_15 Datasheet
459Kb / 9P
   1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
WJ Communication. Inc.
ML401 WJCI-ML401 Datasheet
301Kb / 4P
   1.7-2.2 GHz High IP3 Mixer with Integrated LO Amp
logo
BeRex Corporation
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
logo
Hittite Microwave Corpo...
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com