Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML483-G Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # ML483-G
Description  0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

ML483-G Datasheet(HTML) 7 Page - TriQuint Semiconductor

  ML483-G Datasheet HTML 1Page - TriQuint Semiconductor ML483-G Datasheet HTML 2Page - TriQuint Semiconductor ML483-G Datasheet HTML 3Page - TriQuint Semiconductor ML483-G Datasheet HTML 4Page - TriQuint Semiconductor ML483-G Datasheet HTML 5Page - TriQuint Semiconductor ML483-G Datasheet HTML 6Page - TriQuint Semiconductor ML483-G Datasheet HTML 7Page - TriQuint Semiconductor ML483-G Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ML483
0.7 – 1.0 GHz High IP3 Mixer with Integrated LO Amp
Data Sheet: Rev C 03/23/10
- 7 of 8 -
Disclaimer: Subject to change without noticee
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Mechanical Information
Package Information and Dimensions
This package is lead-free/green/RoHS-compliant. The
plating material on the leads is matte tin.
It is
compatible with both lead-free (maximum 260
oC reflow
temperature) and lead (maximum 245
oC reflow
temperature) soldering processes.
The component will be laser marked with a “M43”
product label with an alphanumeric lot code on the top
surface of the package.
Notes:
1.
All dimensions are in millimeters (inches).
2.
Package length does not include mold flash,
protrusions or gate burr.
3.
Package width does not include interlead flash or
protrusions.
Mounting Configuration
All dimensions are in millimeters (inches). Angles are in degrees.
Notes:
1. Vias shown use a .35mm (#80 / .0135”) diameter drill and have a final plated thru diameter of .25 mm (.010”). Other via sizes are
possible.
2. To ensure reliable operation, device ground paddle-to-ground pad solder joint is critical.
3. RF trace width for 50
depends upon the PC board material and construction.
M43
YXX


Similar Part No. - ML483-G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483-G TRIQUINT-ML483-G Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
More results

Similar Description - ML483-G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
logo
WJ Communication. Inc.
ML501 WJCI-ML501 Datasheet
310Kb / 4P
1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
ML401 WJCI-ML401 Datasheet
301Kb / 4P
1.7-2.2 GHz High IP3 Mixer with Integrated LO Amp
ML485 WJCI-ML485 Datasheet
284Kb / 4P
1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
TriQuint Semiconductor
ML485 TRIQUINT-ML485 Datasheet
299Kb / 4P
1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483_15 Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G_15 Datasheet
459Kb / 9P
1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
BeRex Corporation
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com