Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML483 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # ML483
Description  0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

ML483 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  ML483 Datasheet HTML 1Page - TriQuint Semiconductor ML483 Datasheet HTML 2Page - TriQuint Semiconductor ML483 Datasheet HTML 3Page - TriQuint Semiconductor ML483 Datasheet HTML 4Page - TriQuint Semiconductor ML483 Datasheet HTML 5Page - TriQuint Semiconductor ML483 Datasheet HTML 6Page - TriQuint Semiconductor ML483 Datasheet HTML 7Page - TriQuint Semiconductor ML483 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ML483
0.7 – 1.0 GHz High IP3 Mixer with Integrated LO Amp
Data Sheet: Rev C 03/23/10
- 3 of 8 -
Disclaimer: Subject to change without noticee
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Device Characterization Data
Spur Table
All spur tables are N × fRF – M × fLO mixer spurious products for 0 dBm input power, unless otherwise noted.
RF Freq = 900 MHz
LO Freq = 1041 MHz
All values relative to the IF power level.
M
0
1
2
3
4
5
0
--
8 dBc
13 dBc
15 dBc
10 dBc
9 dBc
1
8 dBc
0 dBc
43 dBc
19 dBc
34 dBc
22 dBc
2
54 dBc
59 dBc
44 dBc
65 dBc
53 dBc
64 dBc
3
85 dBc
91 dBc
87 dBc
79 dBc
91 dBc
84 dBc
4
99 dBc
100 dBc
100 dBc
99 dBc
100 dBc
98 dBc
N
5
101 dBc
100 dBc
97 dBc
99 dBc
99 dBc
100 dBc
Application Circuit
Notes:
Bill of Material
Reference Desg.
Value Description
Manufacturer
Part Number
U1
High IP3 Mixer with LO Amp
TriQuint
ML483-G
C1
0.01 uF
Chip, 0603, 50V, 5%, NPO
various
C2
Do Not Place
1.
See PC Board Layout, page 6 for more information.


Similar Part No. - ML483

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483-G TRIQUINT-ML483-G Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML483-PCB TRIQUINT-ML483-PCB Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
ML4830CP MICRO-LINEAR-ML4830CP Datasheet
218Kb / 15P
   Electronic Ballast Controller
ML4830CS MICRO-LINEAR-ML4830CS Datasheet
218Kb / 15P
   Electronic Ballast Controller
More results

Similar Description - ML483

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483_15 Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
logo
WJ Communication. Inc.
ML501 WJCI-ML501 Datasheet
310Kb / 4P
   1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
ML485 WJCI-ML485 Datasheet
284Kb / 4P
   1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
logo
TriQuint Semiconductor
ML485 TRIQUINT-ML485 Datasheet
299Kb / 4P
   1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G_15 Datasheet
459Kb / 9P
   1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
WJ Communication. Inc.
ML401 WJCI-ML401 Datasheet
301Kb / 4P
   1.7-2.2 GHz High IP3 Mixer with Integrated LO Amp
logo
BeRex Corporation
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
logo
Hittite Microwave Corpo...
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com