Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50351-8100 Datasheet(PDF) 1 Page - MolexKits

Part # 50351-8100
Description  PCB Through Hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

50351-8100 Datasheet(HTML) 1 Page - MolexKits

  50351-8100 Datasheet HTML 1Page - MolexKits 50351-8100 Datasheet HTML 2Page - MolexKits 50351-8100 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet for 76650-0235
General Information
Kit Part Number:
76650-0235
Connector Type:
Wire-to-Board
Solution:
Off the Board
Molex Family:
iGrid™, Mini-Lock™, Sherlock™, CLIK-Mate™ 1.25mm
Certificates:
N/A
Country of Origin:
Kit assembled in U.S.A
Specifications
Circuit Size:
10, 12, 14, 2, 3, 4
Current Rating:
0.5-2A, 1.5-2A, 1A, 3A
Mounting Style:
PCB Through Hole
Orientation:
Plugs, Receptacles, Vertical Headers
Pitch:
1.25mm (.049"), 2.00mm (.079"), 2.50mm (.098")
Tool Included:
No
Voltage Rating:
125V, 250V, 50V
Wire Gauge (AWG):
26-22, 28-22, 28-26, 30-24
Product Hightlights
Mini-Lock™ is a versatile wire-to-board system from Molex® for a broad range of 2.50mm (.098") pitch industry standard applications. The kit
includes vertical headers. Mini-Lock™ is fully shrouded to protect contacts, and includes high guide walls to facilitate mating. Originally developed
for PC monitor applications, this new 2.0mm pitch system can also be used for other applications that require space savings and secure locking
features. The Sherlock system utilizes Molex's proven 50212 terminal, along with a positive lock housing. Molex's new 1.25mm (0.049") pitch
CLIK-Mate™ series has a superior lock design that offers easier use and better mating retention, compared to competitive versions. The system
also provides about 60% space savings compared to similar dual-lock 2.0mm pitch versions. CLIK-Mate™ 1.25 was designed for applications,
such as LCD TVs, that require higher pin count connectors to carry more signal lines in less space. This system has a similar design to Molex's
CLIK-Mate™ 2.0 family and includes many of the same features. iGrid™ wire-to-board connector system offers a compact design and anti-tangle
internal lock for applications such as gaming machines, appliances, industrial and other equipment requiring good mating retention. The unique
inner lock of iGrid™ prevents wire from getting tangled in the latch, compared to outer lock types where such damage may occur. The internal lock
also provides space savings, an audible click and a robust design to withstand rugged handling.
Features and Benefits
• Compact design saves PCB real estate
• Positive lock latch provides secure mating retention
• Four point contact design for good electrical reliability
• Housing lance ensures good terminal retention
• Low insertion force, easy and quick mating for operators
• Fully shrouded headers to protect pins
• Box-style contact design provides good mating reliability
• Pull tabs to assist in unmating
• Tuning fork style contact design, secure contact, and avoids terminal stubbing
• Polarizing end walls prevent mismating
• Compact low-profile design for space savings
Page 1


Similar Part No. - 50351-8100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50351-8100 MOLEX-50351-8100 Datasheet
310Kb / 2P
   2.50mm (.098") Pitch Mini-Lock?
logo
MolexKits
50351-8100 MOLEXKITS-50351-8100 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
logo
Molex Electronics Ltd.
50351-8100 MOLEX7-50351-8100 Datasheet
91Kb / 3P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board and Wire-to-Wire Crimp Terminal, Phosphor Bronze, Bag, for 51102, 51103 and 51163 Housings
logo
MolexKits
50351-8100-C MOLEXKITS-50351-8100-C Datasheet
39Kb / 3P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
50351-8100-C MOLEXKITS-50351-8100-C Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Right Angle Header and Receptacle
More results

Similar Description - 50351-8100

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0234 MOLEXKITS-76650-0234 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Ohmite Mfg. Co.
E-SERIES OHMITE-E-SERIES Datasheet
275Kb / 1P
   Vertical through-hole PCB mounting
EX-SERIES OHMITE-EX-SERIES Datasheet
426Kb / 2P
   Vertical through-hole PCB mounting
logo
C&K Components
MDMDP CK-COMPONENTS-MDMDP Datasheet
239Kb / 2P
   TERMINALS: Through hole PCB terminations
logo
Ohmite Mfg. Co.
SINK-E OHMITE-SINK-E Datasheet
711Kb / 2P
   Vertical through-hole PCB mounting
logo
Linx Technologies
CONSMP001-G-T LINX-CONSMP001-G-T Datasheet
533Kb / 6P
   SMP Plug PCB Through-Hole Connector
2021
CONSMB001-1-G LINX-CONSMB001-1-G Datasheet
1Mb / 6P
   SMB Jack PCB Through Hole Connector
2020
CONSMP001-1 LINX-CONSMP001-1 Datasheet
703Kb / 6P
   SMP Plug PCB Through-Hole Connector
2021
CONSMB001-G LINX-CONSMB001-G Datasheet
1Mb / 6P
   SMB Jack PCB Through Hole Connector
2020
CONSMB002-G LINX-CONSMB002-G Datasheet
1Mb / 6P
   SMB Jack PCB Through Hole Connector
2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com