Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

76650-0006 Datasheet(PDF) 1 Page - MolexKits

Part # 76650-0006
Description  SMT High Speed I/O
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

76650-0006 Datasheet(HTML) 1 Page - MolexKits

  76650-0006 Datasheet HTML 1Page - MolexKits 76650-0006 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0006
Title:
I-Pass Connector Kit
Pitch:
Mounting
Orientation:
26
Wire:
30 Volts AC(RMS)/DC
Connector Type:
Receptacle
Right Angle
0.8mm (0.031”)
iPass™
Certificates:
SMT High Speed I/O
Specifications
(Molex Parts within this kit) - EU and China RoHS Compliant
Design
Configuration:
Country of Origin:
General Information
Molex / Waldom
Wire-to-Board
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
76650-0006
Manufacturer:
Circuit Sizes:
Voltage:
Use iPass™ Cables 74547 Series
Current Rating:
The SMT design provides placement options on both sides of the PCB, as well as
placement stability. With a pitch of 0.8mm (.031"), the design also allows for easy
routing. Plus, standoffs allow for easy PCB cleaning after soldering.
The iPass Interconnect System offers both connectors and cable assemblies
that enable flexible speed compatibility for applications ranging from 1.5G up
through 10G, and is an ideal interconnect solution for the growing server
storage market.
0.5 Amps
Product Highlights
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 76650-0006

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0001 MOLEXKITS-76650-0001 Datasheet
38Kb / 2P
Single Row Plug and Receptacle with Universal Crimp Tool
76650-0002 MOLEXKITS-76650-0002 Datasheet
38Kb / 2P
Fully Polarized Single Row Plug and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
SMT Vertical and Right Angle Header and Receptacle
76650-0004 MOLEXKITS-76650-0004 Datasheet
38Kb / 2P
Ultra Low Profile SMT ZIF Right Angle Receptacle
76650-0005 MOLEXKITS-76650-0005 Datasheet
39Kb / 3P
Ultra Low Profile SMT ZIF Right Angle Receptacle and Premo-Flex Cable
More results

Similar Description - 76650-0006

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ERC-019-01-02 SAMTEC-ERC-019-01-02 Datasheet
639Kb / 1P
HIGH SPEED I/O SYSTEM
HDMR-29-01-S-SM-TR SAMTEC-HDMR-29-01-S-SM-TR Datasheet
334Kb / 1P
HIGH SPEED I/O RECEPTACLES
HDMR1902SSM SAMTEC-HDMR1902SSM Datasheet
334Kb / 1P
HIGH SPEED I/O RECEPTACLES
logo
List of Unclassifed Man...
USB-DIO32HS ETC-USB-DIO32HS Datasheet
847Kb / 4P
High-Speed Digital I/O
April 2018. Rev 5
logo
Texas Instruments
THS4150 TI-THS4150 Datasheet
563Kb / 27P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4151 NSC-THS4151 Datasheet
1Mb / 35P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com