Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT600-2000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # FT600-2000
Description  Telecom Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FT600-2000 Datasheet(HTML) 2 Page - Tyco Electronics

  FT600-2000 Datasheet HTML 1Page - Tyco Electronics FT600-2000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Telecom Fuse
Raychem Circuit Protection Products
DOCUMENT: SCD 25121
PCN: D29077-000
REV LETTER: G
REV DATE: DECEMBER 5, 2008
PAGE NO.: 2 OF 2
PRODUCT: FT600-2000
Designed to allow compliance with Telcordia GR-1089 CORE, UL 60950, and TIA 968 Surge Specifications.
Standard/Test, Power Cross
Voltage (Vrms)
Short-Circuit
Current (A)
Duration
GR-1089-CORE 1
st Level, Test 1
50
0.33
15 minutes
Test 2
100
0.17
15 minutes
Test 3
200, 400, 600
1A at 600V
60 applications, 1 sec.
Test 4
1000
1A
60 applications, 1 sec.
Test 6
600
0.5A
30 seconds
Test 7
600
2.2
2 seconds
Test 8
600
3
1 seconds
Test 9
1000
5
0.5 seconds
GR-1089-CORE 2
nd Level, Test 1
120, 277
25
15 minutes
Test 2
600
60
5 seconds
Test 3
600
7
5 seconds
Test 4
100-600
2.2
15 minutes
UL 60950, 3
rd edition, Test 1
600
40
1.5 seconds
Test 2
600
7
5 seconds
Test 3
600
2.2
30 minutes, 7 hour max.
Agency Recognition:
UL, CSA
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
Materials Information
ROHS Compliant
ELV Compliant
© 2007 Tyco Electronics Corporation. All rights reserved


Similar Part No. - FT600-2000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FT600-2000 MACOM-FT600-2000 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
FT600-2000 MACOM-FT600-2000 Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
FT600-2000-2 MACOM-FT600-2000-2 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
More results

Similar Description - FT600-2000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FT600-1250 MACOM-FT600-1250 Datasheet
87Kb / 2P
Telecom Fuse
logo
Cooper Bussmann, Inc.
504-GMT-5A COOPER-504-GMT-5A Datasheet
185Kb / 3P
Fast-Acting Indicating Telecom Fuse
GMT-X COOPER-GMT-X Datasheet
182Kb / 2P
Fast-Acting Indicating Telecom Fuse
GMT-18100A COOPER-GMT-18100A Datasheet
182Kb / 2P
Fast-Acting Indicating Telecom Fuse
BK-GMT-1A COOPER-BK-GMT-1A Datasheet
182Kb / 2P
Fast-Acting Indicating Telecom Fuse
logo
Littelfuse
04611.25ERT LITTELFUSE-04611.25ERT Datasheet
201Kb / 3P
Telecom NANO2짰Fuse and Teccor TeleLink짰 Fuse
logo
Schurter Inc.
MSU125 SCHURTER-MSU125 Datasheet
250Kb / 3P
Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
logo
Littelfuse
0461.500ERT LITTELFUSE-0461.500ERT Datasheet
201Kb / 3P
Telecom NANO2짰Fuse 461 Series and Teccor TeleLink짰 Fuse
0461002.ERT LITTELFUSE-0461002.ERT Datasheet
201Kb / 3P
Telecom NANO2짰Fuse 461 Series and Teccor TeleLink짰 Fuse
logo
Schurter Inc.
MSU125 SCHURTER-MSU125_18 Datasheet
282Kb / 4P
Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com