Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT600-2000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # FT600-2000
Description  Telecom Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FT600-2000 Datasheet(HTML) 1 Page - Tyco Electronics

  FT600-2000 Datasheet HTML 1Page - Tyco Electronics FT600-2000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Telecom Fuse
Raychem Circuit Protection Products
DOCUMENT: SCD 25121
PCN: D29077-000
REV LETTER: G
REV DATE: DECEMBER 5, 2008
PAGE NO.: 1 OF 2
PRODUCT: FT600-2000
Specification Status: Released
Max Electrical Rating at 20
°C
Max Interrupting Rating: 60A at 600VAC
Interrupt Voltage: 250VAC
Interrupt Current: 50AAC
Termination Material: Silver Plated Brass
Body Material: Ceramic
Marking:
B
A
C
TABLE I. DIMENSIONS:
A
B
C
TYP
TYP
TYP
mm:
10.2
3.1
3.1
in:
(0.402) (0.122) (0.122)
TABLE II. PERFORMANCE RATINGS @ 20
°C (unless otherwise noted):
CURRENT
RESISTANCE (
Ω)
OPENING TIME
@
OPERATING
TEMPERATURE
(
°C)
MELTING I
2t
(A
2 s)
RATING (A)
TYP
100% of rated
current
250% of rated
current
MIN
MAX
TYP
2.0
0.05
4 hours min
120 seconds max
-55
125
18


Similar Part No. - FT600-2000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FT600-2000 MACOM-FT600-2000 Datasheet
132Kb / 2P
   New surface-mount fuse products for overcurrent protection of communications equipment
FT600-2000 MACOM-FT600-2000 Datasheet
323Kb / 22P
   PolySwitch Resettable Devices Telecommunications & Networking Devices
FT600-2000-2 MACOM-FT600-2000-2 Datasheet
132Kb / 2P
   New surface-mount fuse products for overcurrent protection of communications equipment
More results

Similar Description - FT600-2000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FT600-1250 MACOM-FT600-1250 Datasheet
87Kb / 2P
   Telecom Fuse
logo
Cooper Bussmann, Inc.
504-GMT-5A COOPER-504-GMT-5A Datasheet
185Kb / 3P
   Fast-Acting Indicating Telecom Fuse
GMT-X COOPER-GMT-X Datasheet
182Kb / 2P
   Fast-Acting Indicating Telecom Fuse
GMT-18100A COOPER-GMT-18100A Datasheet
182Kb / 2P
   Fast-Acting Indicating Telecom Fuse
BK-GMT-1A COOPER-BK-GMT-1A Datasheet
182Kb / 2P
   Fast-Acting Indicating Telecom Fuse
logo
Littelfuse
04611.25ERT LITTELFUSE-04611.25ERT Datasheet
201Kb / 3P
   Telecom NANO2짰Fuse and Teccor TeleLink짰 Fuse
logo
Schurter Inc.
MSU125 SCHURTER-MSU125 Datasheet
250Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
logo
Littelfuse
0461.500ERT LITTELFUSE-0461.500ERT Datasheet
201Kb / 3P
   Telecom NANO2짰Fuse 461 Series and Teccor TeleLink짰 Fuse
0461002.ERT LITTELFUSE-0461002.ERT Datasheet
201Kb / 3P
   Telecom NANO2짰Fuse 461 Series and Teccor TeleLink짰 Fuse
logo
Schurter Inc.
MSU125 SCHURTER-MSU125_18 Datasheet
282Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com